Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP504 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP504 Datasheet HTML 2Page - Sipex Corporation SP504 Datasheet HTML 3Page - Sipex Corporation SP504 Datasheet HTML 4Page - Sipex Corporation SP504 Datasheet HTML 5Page - Sipex Corporation SP504 Datasheet HTML 6Page - Sipex Corporation SP504 Datasheet HTML 7Page - Sipex Corporation SP504 Datasheet HTML 8Page - Sipex Corporation SP504 Datasheet HTML 9Page - Sipex Corporation SP504 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
Rev: A Date:1/27/04
SP504 Multi–Mode Serial Transceivers
© Copyright 2004 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC............................................................................+7V
Input Voltages:
Logic...............................-0.3V to (V
CC+0.5V)
Drivers............................-0.3V to (V
CC+0.5V)
Receivers...........................................±15V
Output Voltages:
Logic................................-0.3V to (V
CC+0.5V)
Drivers................................................±14V
Receivers........................-0.3V to (V
CC+0.5V)
Storage Temperature..........................-65˚C to +150˚C
Power Dissipation.........................................2000mW
STORAGE CONSIDERATIONS
Due to the relatively large package size of the 80-pin
quad flat-pack, storage in a low humidity environment
is preferred. Large high density plastic packages are
moisture sensitive and should be stored in Dry Vapor
Barrier Bags. Prior to usage, the parts should remain
bagged and stored below 40°C and 60%RH. If the
parts are removed from the bag, they should be used
within 48 hours or stored in an environment at or below
20%RH. If the above conditions cannot be followed,
the parts should be baked for four hours at 125°C in
order remove moisture prior to soldering. Sipex ships
the 80-pin QFP in Dry Vapor Barrier Bags with a
humidity indicator card and desiccant pack. The hu-
midity indicator should be below 30%RH.
Package Derating:
ø
JA....................................................46 °C/W
ø
JC...................................................16 °C/W
OTHER AC CHARACTERISTICS
T
A = +70°C to 0°C and VCC = +4.75V to +5.25V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DRIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232 MODE
t
PZL; Tri-state to Output LOW
0.70
5.0
µsC
L = 100pF, Fig. 4 ; S2
closed
t
PZH; Tri-state to Output HIGH
0.40
2.0
µsC
L = 100pF, Fig. 4 ; S2
closed
t
PLZ; Output LOW to Tri-state
0.20
2.0
µsC
L = 100pF, Fig. 4 ; S2
closed
t
PHZ; Output HIGH to Tri-state
0.40
2.0
µsC
L = 100pF, Fig. 4 ; S2
closed
RS-423 MODE
t
PZL; Tri-state to Output LOW
0.15
2.0
µsC
L = 100pF, Fig. 4 ; S2
closed
t
PZH; Tri-state to Output HIGH
0.20
2.0
µsC
L = 100pF, Fig. 4 ; S2
closed
t
PLZ; Output LOW to Tri-state
0.20
2.0
µsC
L = 100pF, Fig. 4 ; S2
closed
t
PHZ; Output HIGH to Tri-state
0.15
2.0
µsC
L = 100pF, Fig. 4 ; S2
closed
RS-422, RS-485 MODES
t
PZL; Tri-state to Output LOW
2.80
10.0
µsC
L = 100pF, Fig. 4 & 6; S1
closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsC
L = 100pF, Fig. 4 & 6; S2
closed
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 4 & 6; S1
closed
t
PHZ; Output HIGH to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 4 & 6; S2
closed
V.35 MODE
t
PZL; Tri-state to Output LOW
2.60
10.0
µsC
L = 100pF, Fig. 4 & 6; S1
closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsC
L = 100pF, Fig. 4 & 6; S2
closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com