Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP504CF Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP504CF
Description  Application Note
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504CF Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP504CF Datasheet HTML 3Page - Sipex Corporation SP504CF Datasheet HTML 4Page - Sipex Corporation SP504CF Datasheet HTML 5Page - Sipex Corporation SP504CF Datasheet HTML 6Page - Sipex Corporation SP504CF Datasheet HTML 7Page - Sipex Corporation SP504CF Datasheet HTML 8Page - Sipex Corporation SP504CF Datasheet HTML 9Page - Sipex Corporation SP504CF Datasheet HTML 10Page - Sipex Corporation SP504CF Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SP504AN
SP504 Application Note
© Copyright 2000 Sipex Corporation
10
Termination Resistor Implementation on PC Board.
61
59
SP504CF
Drivers
TxD
14
58
DTR
13
54
RTS
16
63
65
TxC
15
42
44
ST
22
47
RL
17
51
LL
24
70
71
RxD
1
37
38
RxC
20
66
CTS
80
68
DSR
78
35
DCD
19
39
RI
21
76
77
SCT
79
Receivers
TDEC3
9
10
11
12
TDEC0
TDEC1
TDEC2
9
10
11
12
RDEC0
RDEC1
RDEC2
RDEC3
TxD
DTR
RTS
TxC
ST
RL
LL
29, 34, 46, 50, 53, 57, 60, 64, 72, 75 GND
22
µF22µF
22
µF
25
27 26
30
28
31
32
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22
µF
+5V
10
µF
Pin 18
150
150
150
Pin 18
Pin 18
RD
RD
RD
RxD
RxC
CTS
DSR
DCD
RI
SCT
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com