Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6120CY/TR Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP6120CY/TR
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120CY/TR Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP6120CY/TR Datasheet HTML 14Page - Sipex Corporation SP6120CY/TR Datasheet HTML 15Page - Sipex Corporation SP6120CY/TR Datasheet HTML 16Page - Sipex Corporation SP6120CY/TR Datasheet HTML 17Page - Sipex Corporation SP6120CY/TR Datasheet HTML 18Page - Sipex Corporation SP6120CY/TR Datasheet HTML 19Page - Sipex Corporation SP6120CY/TR Datasheet HTML 20Page - Sipex Corporation SP6120CY/TR Datasheet HTML 21Page - Sipex Corporation SP6120CY/TR Datasheet HTML 22Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
Date: 5/25/04
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2004 Sipex Corporation
Current Sense
The SP6120 allows sensing current using the
inductor, PCB trace or current-sense resistor.
Inductor-sense utilizes the voltage drop across
the ESR of the inductor, while PCB trace and
current-sense resistor introduce additional re-
sistance in series with the inductor. The resis-
tance of the sense element determines the
overcurrent protection threshold as follows,
ILIM = 43mV
RSEN
RSEN = current-sense resistance which can be
implemented as ESR of the inductor, trace or
discrete resistor.
The maximum power dissipation on the current-
sense element is:
SEN
OUT
SEN
R
I
P
2
(max)
=
For the inductor-sense scheme shown in the
application circuit, RS and CS are used to repli-
cate the signal across the ESR of the inductor. RS
and CS can be looked at as a low pass filter
whose output represents the DC differential
voltage between the switch node and the output.
At steady state, this voltage happens to be the
output current times the ESR of the inductor. In
addition, if the following relationship is satisfied,
L
= R
SCS
ESR
the output of the RsCs filter represents the exact
voltage across the ESR, including the ripple.
Since the SP6120’s hiccup overcurrent protec-
tion scheme is intended to safeguard sustained
overload conditions, the DC portion of the cur-
rent signal is more of interest. Therefore, design-
ing the RSCS time constant higher than L/ESR
provides reliable current sense against any pre-
mature triggering due to noise or any transient
conditions. Pick Rs between 10k and 100k, and
Cs can be determined by:
C
S = 2
L1
ESR R
S
Here the time constant of RSCS is twice the value
of L/ESR.
In Figure 18, R1 and C1 provides a zero fZ1
which needs to be placed at or below fP(LC). If fZ1
is made equal to fP(LC) for convenience, the
value of C1 can be calculated as
C
1 =
1
2
πf
P(LC)R1
The optional C2 generates a pole fP1 with R1 to
cut down high frequency noise for reliable op-
eration. This pole should be placed one decade
higher than the crossover frequency to avoid
erosion of phase margin. Therefore, the value of
the C2 can be derived from
C
2 =
1
20
πfCOR1
Figure 19 illustrates the overall loop frequency
response and frequency of each pole and zero.
To fine-tune the compensation, it is necessary to
physically measure the frequency response us-
ing a network analyzer.
Gain
-20db/dec
-40db/dec
-20db/dec
-20db/dec
-20db/dec
Error Amplifier
Loop
f
f
fZ1 fP(LC) fZ(ESR)
fCO
fP1
Figure 19. Frequency response of a stable system and its
error amplifier.
APPLICATIONS INFORMATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com