Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OCXOWST/D Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # OCXOWST/D
Description  3.3V OCXO CMOS Output Stratum 3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

OCXOWST/D Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  OCXOWST/D Datasheet HTML 1Page - Golledge Electronics Ltd OCXOWST/D Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.3V OCXO CMOS Output Stratum 3
OCXOWST
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
21 Jul 2015
PIN
1
7
8
14
CONNECTION
Ground
Ground
Output
Supply
7.80
±0.20
6.35
±0.50
0.80
0.46Ø
7.62
15.24
1
14
7
8
20.14
±0.08
12.52
±0.08
Features
Stratum 3 compliant
Compact 14-pin DIL package (SMD optional)
3.3V supply voltage
CMOS compatible output
Very fast warmup
Low power consumption
Wide temperature range available
Option
Codes
OCXOWST
Product
Parameters
Product name + option codes + frequency
eg: OCXOWST/D 12.80MHz
OCXOWST/C 19.440MHz
Option code X (eg OCXOWST/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
2011/65/EU
Product is NOT designed to withstand 260°C reflow processing
Frequency range:
10.0kHz ~ 54.0MHz
Frequency stability:
±4.6ppm max overall
(Including 15 years ageing)
±0.1ppm max vs V
DD
±10ppb max vs load ±10%
Short term stability:
5x10-10, τ 0.1 to 30s
5x10-11 typ at 1s
Holdover stability (24hrs):
±0.28ppm max (0.56ppm p-p)
(Incl load, supply and temp variation)
Internal calibration:
±1.0ppm max
Operating temperature range:
0 to +70°C
D
-40 to +85°C
C
Storage temperature range:
-55 to +125°C
Output waveform:
CMOS compatible
‘0’=+0.4V max, ‘1’=V
DD-0.5V min
45:55 max
Rise/fall times 7ns max (no load)
Load:
3pF min, 47pF max
Start up time:
5ms max
Supply voltage (V
DD):
+3.3V (±0.15V)
Input current: 120mA max @ +25°C
170mA max @ -20°C
Warm up time (secs):
current 250mA max @ 25°C
30
to within ±0.1ppm @ 25°C
120
Phase noise (typ @ 10MHz):
-100dBc/Hz @ 10Hz
-130dBc/Hz @ 100Hz
-140dBc/Hz @ 1kHz
-145dBc/Hz @ 10kHz
Shock & vibration:
5,000G, 0.3ms ½-sine
10.0 ~ 2,000Hz, 20G
Package:
Through hole 14 pin DIL
SMD options 1 or 2

specify


Similar Part No. - OCXOWST/D

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXOWST MICROCRYSTAL-OCXOWST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Golledge Electronics Lt...
OCXOWST GOLLEDGE-OCXOWST Datasheet
551Kb / 5P
Stratum 3 Compliant 3.3V OCXO with CMOS Output
logo
MICORO CRYSTAL SWITZERL...
OCXOWSTC12.8MHZ MICROCRYSTAL-OCXOWSTC12.8MHZ Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
OCXOWSTC20MHZ MICROCRYSTAL-OCXOWSTC20MHZ Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
OCXOWSTC25.6MHZ MICROCRYSTAL-OCXOWSTC25.6MHZ Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
More results

Similar Description - OCXOWST/D

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOV3S3 CONNOR-WINFIELD-ASOV3S3 Datasheet
193Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
CSOV3S3 CONNOR-WINFIELD-CSOV3S3 Datasheet
198Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
ESOF3S3 CONNOR-WINFIELD-ESOF3S3 Datasheet
189Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OFA3BB2AA CONNOR-WINFIELD-OFA3BB2AA Datasheet
240Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
logo
Golledge Electronics Lt...
MCOCXOW GOLLEDGE-MCOCXOW_15 Datasheet
150Kb / 2P
3.3V OCXO CMOS Output
OCXOVST GOLLEDGE-OCXOVST Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
OCXOWST GOLLEDGE-OCXOWST_18 Datasheet
551Kb / 5P
Stratum 3 Compliant 3.3V OCXO with CMOS Output
OCXOVST GOLLEDGE-OCXOVST_18 Datasheet
551Kb / 5P
Stratum 3 Compliant 5.0V OCXO with CMOS Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com