Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RV2123C2/B Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # RV2123C2/B
Description  Real Time Clock - Low Power
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

RV2123C2/B Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  RV2123C2/B Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Real Time Clock - Low Power
RV2123C2
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
21 Nov 2012
Features
Ultra low power consumption
Compliant with 4-wire SPI-Bus
Time keeping mode down to 1.1 V
Frequency-offset trimming register
Programmable alarm, timer and interrupt
1.20
(max)
5.00
±0.02
3.20
±0.20
SOLDER PAD LAYOUT
TOP VIEW
2.20
0.60
1.00
0.90
0.40
1.00
PAD
1
2
3
4
5
CONNECTION
Supply (VDD)
Frequency output (CLKOUT)
Serial clock input (SCL)
Serial data in (SDI)
Serial data out (SDO)
PAD
6
7
8
9
10
CONNECTION
Ground (VSS)
Chip enable (CE)
Interrupt output (/INT)
Not connected
CLK output enable (CLKOE)
15
6
10
Option
Codes
RV2123C2
Product
Parameters
Product + option code
eg: RV2123C2/B ±20ppm
Option code X (eg RV2123C2/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
Available on T&R - 1k or 5k pcs per reel. See our website for details
Evaluation / development board & manual available on request
Block Diagram
This RTC IC has been specially designed to achieve an ultra-low power
consumption of typically 130nA @ V
DD 3.0V in time-keeping mode.
The very small SMT ceramic-package combines the 32.768 kHz crystal unit
with the CMOS-based oscillator and real-time-clock circuitry. The calendar
function tracks year, month, date, and day-of-the-week with built-in
century and leap-year flags. The clock function tracks minute and second
in 24-hour format. Programmable alarm setting and universal timer
functions increase flexibility.
Description
Frequencies (programmable):
32.768kHz ~ 1Hz
Frequency tolerance:
±10ppm
A
±20ppm
B
Other
specify
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.035ppm/°C2 ±10%
Operating temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Supply voltage (V
DD):
SPI bus active 1.6 ~ 5.5V
Timekeeping mode 1.1 ~ 5.5V
Supply current (during access):
30/80μA typ/max (fscl=1MHz V
DD=3V)
250/400μAtyp/max(fscl=4.5MHzV
DD=3V)
Supply current (time-keeping):
130/180nA typ/max (fscl=0Hz, V
DD=3V)
110/160nA typ/max (fscl=0Hz, V
DD=1V)
Ageing:
±3ppm max first year
Shock and vibration resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max
Manufactured by Micro Crystal
Stocked & supplied by Golledge
2011/65/EU


Similar Part No. - RV2123C2/B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
RV2123C2 GOLLEDGE-RV2123C2 Datasheet
132Kb / 1P
Real Time Clock - Low Power
RV2123C2 GOLLEDGE-RV2123C2 Datasheet
748Kb / 5P
RTC SPI Bus Low Power
RV2123C2 GOLLEDGE-RV2123C2_18 Datasheet
748Kb / 5P
RTC SPI Bus Low Power
More results

Similar Description - RV2123C2/B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
logo
ACE Technology Co., LTD...
ACE5372 ACE-ACE5372 Datasheet
305Kb / 29P
Low Power Real-Time Clock (RTC)
VER 1.2
ACE5372 ACE-ACE5372_11 Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
ACE5372 ACE-ACE5372_14 Datasheet
813Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.4
logo
Golledge Electronics Lt...
RV2123C2 GOLLEDGE-RV2123C2 Datasheet
132Kb / 1P
Real Time Clock - Low Power
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
Ultra-Low-Power Real Time Clock
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com