Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RV3029C2/B Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # RV3029C2/B
Description  Real Time Clock - I2C Bus
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

RV3029C2/B Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  RV3029C2/B Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Real Time Clock - I2C Bus
RV3029C2
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
03 May 2012
Features
Temperature compensated accuracy
AEC Q200 Rev C compliant
Compliant with I2C-Bus interface (400kHz)
Backup battery input (internal switchover)
Programmable alarm, timer and interrupt
1.20
(max)
3.20
±0.20
SOLDER PAD LAYOUT
TOP VIEW
2.20
0.60
1.00
0.90
0.40
1.00
PAD
1
2
3
4
5
CONNECTION
Supply (VDD)
Frequency output (CLKOUT)
Not connected
Serial clock input (SCL)
Data (SDA)
PAD
6
7
8
9
10
CONNECTION
Ground
Interrupt output (/INT)
Backup supply
Not connected
CLK output enable (CLKOE)
15
6
10
5.00
±0.20
Option
Codes
RV3029C2
Product
Parameters
Product + option code
eg: RV3029C2/B ±25ppm -40+85°C
Option code X (eg RV3029C2/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
Available on T&R - 1k or 5k pcs per reel. See our website for details
Evaluation / development board & manual available on request
The I2C-Bus is a trademark of Philips Electronics NV
Block Diagram
The RV3029C2 is a Real-Time-Clock Module with embedded crystal. This
RTC has an I2C Bus (2-wire Serial Interface) and offers temperature
compensated time. The STC (Smart Temperature Compensation) can be
factory calibrated to achieve a very high time-accuracy of ±6ppm from
-40°C to +85°C (option A) and ± 8ppm from -40°C to +125°C (option C).
Beside standard RTC functions, it includes a Backup-Battery Input with
internal switchover function, a programmable trickle-charge circuitry, an
integrated temperature sensor with digital output and offers 8 Bytes RAM
and 2 Bytes EEPROM for customer application.
The calendar function tracks year and leap-year flags. The clock tracks
second, minute and hour in 24-hour format. Programmable alarm setting
and universal timer functions increase flexibility.
Description
Manufactured by Micro Crystal
Stocked & supplied by Golledge
Frequencies (selectable):
32.768kHz, 1024Hz, 32Hz & 1Hz
Frequency tolerance @ 25°C:
±10ppm typ, ±20ppm max
Time accuracy:
±3ppm max (0.26s/day) @ 25°C
±6ppm max (0.52s/day), -40+85°C
A
±25ppm max (2.17s/day), -40+85°C
B
±8ppm max (0.70s/day), -40+125°C
D
±30ppm max (2.60s/day), -40+125°C
E
Operating temperature range:
-40 to +85°C
Extended op. temp range:
-40 to +125°C
Storage temperature range:
-55 to +125°C
Supply voltage (V
DD):
I2C bus active 1.8 ~ 5.5V
Time-keeping mode 1.3 ~ 5.5V
Supply current (V
DD=3.0V):
0.80μA typ, 1.0μA max
Shock and vibration resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max
2011/65/EU


Similar Part No. - RV3029C2/B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
RV3029C2 GOLLEDGE-RV3029C2 Datasheet
143Kb / 1P
Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2 Datasheet
748Kb / 5P
RTC I C Bus
RV3029C2 GOLLEDGE-RV3029C2_18 Datasheet
748Kb / 5P
RTC I C Bus
More results

Similar Description - RV3029C2/B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307 Datasheet
516Kb / 20P
Real-time Clock Module (I2C Bus)
PT7C433833 PERICOM-PT7C433833 Datasheet
626Kb / 17P
Real-time Clock Module (I2C Bus)
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2 Datasheet
143Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com