Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6231 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6231
Description  500mA, 3.3V Linear Regulator with Auxiliary Backup
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6231 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6231 Datasheet HTML 2Page - Sipex Corporation SP6231 Datasheet HTML 3Page - Sipex Corporation SP6231 Datasheet HTML 4Page - Sipex Corporation SP6231 Datasheet HTML 5Page - Sipex Corporation SP6231 Datasheet HTML 6Page - Sipex Corporation SP6231 Datasheet HTML 7Page - Sipex Corporation SP6231 Datasheet HTML 8Page - Sipex Corporation SP6231 Datasheet HTML 9Page - Sipex Corporation SP6231 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Date: 5/25/04
SP6231 500mA, 3.3V Linear Regulator
© Copyright 2004 Sipex Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Corporation
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part Number
Temperature Range
Package Type
SP6231ER-3.3 ...................................... -40°C to 85°C .............................................. 6 Pin DFN
SP6231ER-3.3/TR ................................ -40°C to 85°C ............................................. 6 Pin DFN
SP6231EN-3.3 ...................................... -40°C to 85°C .......................................... 8 Pin NSOIC
SP6231EN-3.3/TR ................................ -40°C to 85°C ......................................... 8 Pin NSOIC
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6231ER-3.3/TR = standard; SP6231ER-L-3.3/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,500 for NSOIC and 3,000 for DFN.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com