Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6641B Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6641B
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6641B Datasheet(HTML) 4 Page - Sipex Corporation

  SP6641B Datasheet HTML 1Page - Sipex Corporation SP6641B Datasheet HTML 2Page - Sipex Corporation SP6641B Datasheet HTML 3Page - Sipex Corporation SP6641B Datasheet HTML 4Page - Sipex Corporation SP6641B Datasheet HTML 5Page - Sipex Corporation SP6641B Datasheet HTML 6Page - Sipex Corporation SP6641B Datasheet HTML 7Page - Sipex Corporation SP6641B Datasheet HTML 8Page - Sipex Corporation SP6641B Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Rev. 3/5/02,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
PERFORMANCE CHARACTERISTICS
Refer to the circuit in Figure 1, T
AMB = +25°C
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
VIN = 3.0V
VIN = 2.6V
VIN = 2.0V
VIN = 1.3V
VIN = 1.0V
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
VIN = 3.0V
VIN = 2.6V
VIN = 2.0V
VIN = 1.3V
VIN = 1.0V
3.200
3.220
3.240
3.260
3.280
3.300
3.320
3.340
3.360
3.380
3.400
Iload (mA)
0
50
100
150
200
250
VIN = 3.0V
VIN = 2.6V
VIN = 2.0V
VIN = 1.3V
VIN = 1.0V
3.220
3.240
3.260
3.280
3.300
3.320
3.340
3.360
3.380
3.400
0
200
400
600
800
3.200
Iload (mA)
VIN = 3.0V
VIN = 2.6V
VIN = 2.0V
VIN = 1.3V
VIN = 1.0V
Figure 3. SP6641AEK - 3.3 Efficiency vs Load Current
Figure 4. SP6641BEK - 3.3 Efficiency vs Load Current
Figure 5. SP6641AEK - 3.3 Line/Load Rejection vs Load
Current
Figure 6. SP6641BEK - 3.3 Line/Load Rejection vs Load
Current
Figure 7. SP6641AEK-5.0 Efficiency Vs Load Current
Figure 8. SP6641BEK-5.0 Efficiency Vs Load Current
Iload (mA)
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Vi=4.2V
Vi=3.6V
Vi=3.3V
Vi=2.0V
Vi=1.3V
Iload (mA)
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Vi=4.2V
Vi=3.6V
Vi=3.3V
Vi=2.0V
Vi=1.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com