Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6642 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6642
Description  Application Note:High Current Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6642 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6642 Datasheet HTML 1Page - Sipex Corporation SP6642 Datasheet HTML 2Page - Sipex Corporation SP6642 Datasheet HTML 3Page - Sipex Corporation SP6642 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SP6642/6643APN/02
SP6642/6643 Application Note
© Copyright 2000 Sipex Corporation
SP6642 Efficiency vs. Output Current
Figure 1. 2.4V
OUT Sumida 47µH
Figure 2. 2.4V
OUT Sumida 100µH
Figure 3. 3.3V
OUT Sumida 47µH
Figure 4. 3.3V
OUT Sumida 100µH
Figure 6. 5.0V
OUT Sumida 100µH
Figure 5. 5V
OUT Sumida 47µH
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Output Current (mA)
Vin = 1.6V
Vin = 1.2V
Vin = 1.0V
Vin = 0.85V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Output Current (mA)
Vin = 1.6V
Vin = 1.2V
Vin = 1.0V
Vin = 0.85V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Output Current (mA)
Vin = 1.6V
Vin = 1.2V
Vin = 1.0V
Vin = 0.85V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Output Current (mA)
Vin = 1.6V
Vin = 1.2V
Vin = 1.0V
Vin = 0.85V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Output Current (mA)
Vin = 1.6V
Vin = 1.2V
Vin = 1.0V
Vin = 0.85V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Output Current (mA)
Vin = 1.6V
Vin = 1.2V
Vin = 1.0V
Vin = 0.85V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com