Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6650EU/TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6650EU/TR
Description  High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650EU/TR Datasheet(HTML) 3 Page - Sipex Corporation

  SP6650EU/TR Datasheet HTML 1Page - Sipex Corporation SP6650EU/TR Datasheet HTML 2Page - Sipex Corporation SP6650EU/TR Datasheet HTML 3Page - Sipex Corporation SP6650EU/TR Datasheet HTML 4Page - Sipex Corporation SP6650EU/TR Datasheet HTML 5Page - Sipex Corporation SP6650EU/TR Datasheet HTML 6Page - Sipex Corporation SP6650EU/TR Datasheet HTML 7Page - Sipex Corporation SP6650EU/TR Datasheet HTML 8Page - Sipex Corporation SP6650EU/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Date: 5/25/04
SP6650 High Efficiency 600mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
BLOCK DIAGRAM
SPECIFICATIONS (continued)
Specifications apply for -40°C to +85°C, V
OUT = 3.3V, VIN = 3.6V, ILIM = SHDN = VIN, FB = GND, L1 = 22µH, COUT = CIN = 47µF, unless otherwise noted.
PVIN
Internal
Supply
VIN
Min
TOFF
Min
TON
REF
SHDN
UVLO
REF
SHDN
ILIM
FB
VOUT
Ref
Block
REF
REF/2
ILIM/M
overcurrent
GND
BLON
UVLO
ILIM/M
D
VIN
CLR
REF/2
Q
VIN
Q
LX
+
-
C
+
-
C
+
-
C
+
-
C
+
-
C
M
1
PGND
TSD
VIN
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Falling BLON Trip Voltage
2.88
3.00
3.12
V
BLON Trip Voltage Hysteresis
2.9
%
BLON Low Output Voltage
0.4
V
VIN = VOUT = 3.0V,
ISINK = 1mA
BLON Leakage Current
1
µAVBLON = 3.3V
Rising Over-Temperature Trip
140
°C
Point
Over-Temperature Hysteresis
14
°C
SHDN, ILIM Leakage Current
1
500
nA
SHDN, ILIM Input Threshold
0.60
0.90
1.8
V
High to Low Transition
Voltage
0.60
1.25
1.8
V
Low to High Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com