Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2611AMF/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2611AMF/NOPB
Description  Cuk Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2611AMF/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2611AMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
NFB
SW
GND
5
VIN
4
SHDN
LM2611
www.ti.com
SNOS965J – JUNE 2001 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
SW
A
Drain of internal switch. Connect at the node of the input inductor and Cuk capacitor.
2
GND
GND
Analog and power ground.
3
NFB
A
Negative feedback. Connect to output via external resistor divider to set output voltage.
4
SHDN
I
Shutdown control input. VIN = Device on. Ground = Device in shutdown.
Analog and power input. Filter out high frequency noise with a 0.1-µF ceramic capacitor
5
VIN
PWR
placed close to the pin.
(1)
A = Analog, I = Input, GND = Ground, PWR = Power
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage, VIN
14.5
V
SW voltage
–0.4
36
V
NFB voltage
–6
0.4
V
SHDN voltage
–0.4
14.5
V
Maximum junction temperature
125
°C
Power dissipation (2)
Internally limited
Lead temperature
300
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance of various layouts.
The maximum allowable power dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding
the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V(ESD)
Electrostatic discharge
V
Machine Model (MM)(3)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
(3)
The machine model is a 200-pF capacitor discharged directly into each pin.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com