Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3444MM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3444MM/NOPB
Description  AC-DC Offline LED Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444MM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3444MM/NOPB Datasheet HTML 3Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 4Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 5Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 6Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 7Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 8Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 9Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 10Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LEADING EDGE BLANKING (ns)
15.0
10.0
5.0
0.0
80
100
120
140
160
180
Room (25°C)
Hot (125°C)
Cold (-40°C)
100 units tested
LM3444
www.ti.com
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Figure 7. Leading Edge Blanking Variation Over Temperature
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com