Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPDUC5V0U-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDUC5V0U-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDUC5V0U-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDUC5V0U-HF Datasheet HTML 1Page - Comchip Technology ACPDUC5V0U-HF Datasheet HTML 2Page - Comchip Technology ACPDUC5V0U-HF Datasheet HTML 3Page - Comchip Technology ACPDUC5V0U-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD ESD Protection Diode
Page 2
AQW-G7009
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
RATING AND CHARACTERISTIC CURVES (ACPDUC5V0U-HF)
0
20
40
60
80
120
0
1
2
3
5
4
100
Reverse Voltage, (V)
Fig. 5 - Capacitance Between
Terminals Characteristics
Peak Pulse Current, (A)
20
12
8
4
0
8/20us waveform
Fig. 4 - Forward Voltage Vs.
Forward Current
Forward Voltage, (V)
1.0
0
10
100
1
0.8
0.7
0.5
0.4
Ambient temperature, ( °C )
Mounting on glass epoxy PCBs
0
20
40
60
80
100
120
25
50
75
100
150
0
125
Fig.2 - Power Rating Derating Curve
Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
e-t
td= t Ipp/2
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us
Fig.1 - 8/20us Peak Pulse Current
Waveform acc. IEC 61000-4-5
Fig.3 - Clamping Voltage Vs.
Peak Pulse Current
3
0
9
12
6
15
16
f=1MHz
TA=25°C
0.6
0.9
Ta=25°C
Ta=50°C
Ta=75°C
Ta=125°C
Ta=100°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com