Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6682 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6682
Description  High Efficiency Charge Pump Regulator for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6682 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6682 Datasheet HTML 2Page - Sipex Corporation SP6682 Datasheet HTML 3Page - Sipex Corporation SP6682 Datasheet HTML 4Page - Sipex Corporation SP6682 Datasheet HTML 5Page - Sipex Corporation SP6682 Datasheet HTML 6Page - Sipex Corporation SP6682 Datasheet HTML 7Page - Sipex Corporation SP6682 Datasheet HTML 8Page - Sipex Corporation SP6682 Datasheet HTML 9Page - Sipex Corporation SP6682 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Date: 5/5/04
SP6682 High Efficiency Charge Pump Regulator for White LEDs
© Copyright 2004 Sipex Corporation
encing high input voltages. Another important
operation of this block is the PWM/EN dim-
ming control, which is implemented in the delay
of each pump driver, so that the enable high
pulse width is proportional to the delay of the
individual pump switches.
5) VOUT Comparator and Output Control. A
306mV reference voltage is compared to feed-
1
8
5
Rb
SP6682
Rb
2.2uF
GND
FB
V
OUT
Figure 9. Driving discrete white LEDs as current source
Configuring the SP6682 as Voltage or
Current Source
The white LED load configuration used by
customers can be discrete white LEDs or a white
LED module. Inside the white LED module,
there may or may not be resistors in series with
the white LEDs. According to the different
application requirements, the SP6682 can be
configured as either a voltage source or a current
source to provide solutions for these different
applications, as shown in figure 9~12. Figure 9
shows using the SP6682 to drive discrete white
LEDs as a current source.
The current in one white LED current is set by
the ratio of the feedback pin voltage (306mV)
and the bias resistor RB. To set the operating
current, RB can be selected by:
RB = VFB
ILED
3-wire W-LED module
Anode
FB
GND
Fig 10. 3-wire white LED module
The current of the remaining white LEDs is set
according to the similarity of the white LEDs. 3-
wire white LED module with internal series
resistors as shown in figure 10 can also be driven
in this way.
GND
V
OUT
Anode
5
V
FB
Rb
SP6682
Cathode
8
2-wire W-LED module
1
Figure 11. Driving 2-wire white LED module as current
source
OPERATION: Continued
back output voltage to control the Vout needed
for the application. Output current is set by a
bias resistor from FB pin to GND pin chosen by
the relationship:
IOUT = VFB
RFB
where VFB = 306mV.
In figure 11, SP6682 was used to drive a 2-wire
white LED module without internal series resis-
tors as a current source. The bias resistor RB is
selected to regulate the total current of the white
LED module instead of the current of single
LED as in figure 9.
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com