Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6691 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6691
Description  Micro Power Boost Regulator Series White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6691 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6691 Datasheet HTML 1Page - Sipex Corporation SP6691 Datasheet HTML 2Page - Sipex Corporation SP6691 Datasheet HTML 3Page - Sipex Corporation SP6691 Datasheet HTML 4Page - Sipex Corporation SP6691 Datasheet HTML 5Page - Sipex Corporation SP6691 Datasheet HTML 6Page - Sipex Corporation SP6691 Datasheet HTML 7Page - Sipex Corporation SP6691 Datasheet HTML 8Page - Sipex Corporation SP6691 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Date: 5/25/04
SP6691 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation5
SP6691
FEATURES
■ Drives up to 6 LED's @ 25mA
■ Drives up to 8 LED's @ 20mA
■ High Output Voltage: Up to 34V
■ Optimized for Single Supply,
2.7V - 4.2V Applications
■ Operates Down to 1V
■ High Efficiency: Greater Than 75%
■ Low Quiescent Current: 20µA
■ Ultra Low Shutdown Current: 10nA
■ Single Battery Cell Operation
■ Programmable Output Voltage
■ 1Ω switch (350mV at 350mA)
■ Available in 8 Pin DFN, 5 Pin TSOT or
5 Pin SOT23
Micro Power Boost Regulator
Series White LED Driver
APPLICATIONS
■ White LED Driver
■ High Voltage Bias
■ Digital Cameras
■ Cell Phone
■ Battery Backup
■ Handheld Computers
DESCRIPTION
The SP6691 is a micro power boost regulator that is specifically designed for powering series
configuration white LED. The part utilizes fixed off time architecture and consumes only 10nA
quiescent current in shutdown. Low voltage operation, down to 1V, fully utilizes maximal battery
life. The SP6691 is offered in a 8 Pin DFN, 5-pin SOT-23 or 5 Pin TSOT package and enables
the construction of a complete regulator occupying < 0.2 in2 board space.
®
TYPICAL APPLICATION CIRCUIT
V
IN
SW
GND
SHDN
FB
10µH
2.2 µF
4.7µF
2.7 to 4.2V
®
R
b
SP6691
D1
L1
C1
C2
SP6691
8 Pin DFN
8
7
6
5
1
2
3
4
NC
FB
NC
SW
GND
VIN
VEN
NC
Now Available in Lead Free Packaging


Similar Part No. - SP6691

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6691 SIPEX-SP6691 Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
SP6691EB SIPEX-SP6691EB Datasheet
178Kb / 6P
Evaluation Board Manual
SP6691EK SIPEX-SP6691EK Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
SP6691EK/TR SIPEX-SP6691EK/TR Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
SP6691EK1 SIPEX-SP6691EK1 Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
More results

Similar Description - SP6691

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6690 SIPEX-SP6690 Datasheet
270Kb / 16P
Micro Power Boost Regulator Series White LED Driver
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
logo
Intersil Corporation
EL7630 INTERSIL-EL7630 Datasheet
223Kb / 7P
White LED Boost Regulator
June 28, 2005
EL7630 INTERSIL-EL7630_06 Datasheet
222Kb / 7P
White LED Boost Regulator
February 22, 2006
logo
Sipex Corporation
SP6691 SIPEX-SP6691_07 Datasheet
698Kb / 15P
SOT23Micro Power Boost Regulator Series White LED Driver
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
Boost Regulator White LED Driver
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
Renesas Technology Corp
EL7630 RENESAS-EL7630 Datasheet
388Kb / 7P
White LED Boost Regulator
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com