Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M02094 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M02094
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02094 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
02094-DSH-001-C
Mindspeed Technologies™
11
Mindspeed Proprietary and Confidential
2.0 Pin Description
2.1
Pin Definitions
Table 2-1.
Pin Definitions
Pin
Number
Pin Name
Pin equivalent load
Function
1
VCC
Power supply, 5V or 3.3V.
2
DIN+
Positive data input. Self biased. Compatible with AC coupled PECL, AC coupled
CML, and DC-coupled PECL (when VCC = 3.3V).
When DIN+ is high, OUT+ will sink current.
3
DIN-
See DIN+ drawing
Negative data input. Self biased Compatible with AC coupled PECL, AC coupled
CML, and DC-coupled PECL (when VCC = 3.3V).
VCC3
D
IN+, DIN-
VCC3-1.3V
4 k
Ω
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com