Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP690A Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP690A
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP690A Datasheet(HTML) 2 Page - Sipex Corporation

  SP690A Datasheet HTML 1Page - Sipex Corporation SP690A Datasheet HTML 2Page - Sipex Corporation SP690A Datasheet HTML 3Page - Sipex Corporation SP690A Datasheet HTML 4Page - Sipex Corporation SP690A Datasheet HTML 5Page - Sipex Corporation SP690A Datasheet HTML 6Page - Sipex Corporation SP690A Datasheet HTML 7Page - Sipex Corporation SP690A Datasheet HTML 8Page - Sipex Corporation SP690A Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SP690A/692ADS/08
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifica-
tions below is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time
may affect reliability and cause permanent damage to
the device.
V
CC........................................................-0.3V to 6.0V
V
BATT.....................................................-0.3V to 6.0V
All Other Inputs (NOTE 1)..................-0.3V to (V
CC to 0.3V)
Input Current:
V
CC.........................................................250mA
V
BATT........................................................50mA
GND........................................................20mA
Output Current:
V
OUT.....Short-Circuit Protected for up to 10sec
All Other Inputs.................................20mA
Rate of Rise, V
CC,VBATT..................100V/µs
Continuous Power Dissipation.......500mW
Storage Temperature.......-65
°C to +160°C
Lead Temperature(soldering,10sec).................+300
°C
ESD Rating.............................................................4KV
SPECIFICATIONS
V
cc=4.75v to 5.50V for SP690A/SP802L/SP805L, VCC=4.50V to 5.50V for SP692A/SP802M/SP805M, VBATT=2.80V, TA=TMIN to TMAX, typical specified at 25
OC,
unless otherwise noted.
S
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
,
e
g
n
a
R
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O0
5
.
5s
t
l
o
V
V
C
C
V
r
o
T
T
A
B
2
e
t
o
N
,
I
,
t
n
e
r
r
u
C
y
l
p
p
u
S
Y
L
P
P
U
S
,5
30
6
µA
I
g
n
i
d
u
l
c
x
e
T
U
O
I
Y
L
P
P
U
S
,
e
d
o
M
p
u
k
c
a
B
y
r
e
t
t
a
B
n
i
V
C
C
V
,
V
0
=
T
T
A
B
V
8
.
2
=
1
0
0
.
06
.
0
µA
V
T
T
A
B
3
E
T
O
N
,
t
n
e
r
r
u
C
y
b
d
n
a
t
S1
.
0
-
2
0
.
0
µA
V
C
C
V
>
T
T
A
B
V
2
.
0
+
V
T
U
O
t
u
p
t
u
OV
C
C
1
.
0
-V
C
C
3
0
.
0
-
V
C
C
5
1
.
0
-
s
t
l
o
V
I
T
U
O
A
m
0
5
=
I
T
U
O
A
m
0
5
2
=
V
T
U
O
e
d
o
M
p
u
k
c
a
B
-
y
r
e
t
t
a
B
n
i
V
C
C
V
<
T
T
A
B
V
2
.
0
-
V
T
T
A
B
5
1
.
0
-V
T
T
A
B
4
0
.
0
-
V
T
T
A
B
0
2
.
0
-
s
t
l
o
V
I
T
U
O
A
m
5
=
I
T
U
O
A
m
5
2
=
,
d
l
o
h
s
e
r
h
T
h
c
t
i
w
S
y
r
e
t
t
a
B
V
C
C
V
o
t
T
T
A
B
0
2
0
2
-
V
m
p
u
-
r
e
w
o
P
n
w
o
d
-
r
e
w
o
P
s
i
s
e
r
e
t
s
y
H
r
e
v
o
h
c
t
i
w
S
y
r
e
t
t
a
B0
4V
mk
a
e
P
o
t
k
a
e
P
d
l
o
h
s
e
r
h
T
t
e
s
e
R0
5
.
4
5
2
.
4
5
5
.
4
0
3
.
4
5
6
.
4
0
4
.
4
5
7
.
4
0
5
.
4
0
7
.
4
5
4
.
4
s
t
l
o
V
L
5
0
8
P
S
,
L
2
0
8
P
S
,
A
0
9
6
P
S
M
5
0
8
P
S
,
M
2
0
8
P
S
,
A
2
9
6
P
S
T
,
L
2
0
8
P
S
A
V
,
C
°
5
2
+
=
C
C
g
n
il
l
a
f
T
,
M
2
0
8
P
S
A
V
,
C
°
5
2
+
=
C
C
g
n
il
l
a
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com