Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP802L Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP802L
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP802L Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP802L Datasheet HTML 2Page - Sipex Corporation SP802L Datasheet HTML 3Page - Sipex Corporation SP802L Datasheet HTML 4Page - Sipex Corporation SP802L Datasheet HTML 5Page - Sipex Corporation SP802L Datasheet HTML 6Page - Sipex Corporation SP802L Datasheet HTML 7Page - Sipex Corporation SP802L Datasheet HTML 8Page - Sipex Corporation SP802L Datasheet HTML 9Page - Sipex Corporation SP802L Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SP690A/692ADS/08
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
6
Figure 1. V
CC to VOUT Vs. Output Current
Figure 3A. SP690A RESET Output Voltage vs.
Supply Voltage
Figure 2. V
BATT to VOUT Vs. Output Current
Figure 3B. Circuit for the SP690A/802L RESET
Output Voltage vs. Supply Voltage
GND
RESET
VCC
330pF
VCC
2K
Ω
RESET
VBATT = 0V
TA = +25 C
1
10
100
1000
IOUT (mA)
V
CC=4.5V
V
BATT=0V
Slope=0.6
Ω
1
10
100
IOUT (mA)
V
BATT=4.5V
V
CC=0V
Slope=5
Ω
Figure 4A. SP805L RESET Output Voltage vs.
Supply Voltage
Figure 4B. Circuit for the SP805 RESET Output
Voltage vs. Supply Voltage
GND
RESET
VCC
330pF
VCC
10K
Ω
VBATT
1000
100
10
1
1000
100
10
1
RESET
0V
VCC
VBATT = 0V
TA = 25 C
o
0V
2V
div
RESET
5V
VCC
0V
0V
2V
div
1sec/div
1sec/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com