Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP7652ER-L/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP7652ER-L/TR
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7652ER-L/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP7652ER-L/TR Datasheet HTML 5Page - Sipex Corporation SP7652ER-L/TR Datasheet HTML 6Page - Sipex Corporation SP7652ER-L/TR Datasheet HTML 7Page - Sipex Corporation SP7652ER-L/TR Datasheet HTML 8Page - Sipex Corporation SP7652ER-L/TR Datasheet HTML 9Page - Sipex Corporation SP7652ER-L/TR Datasheet HTML 10Page - Sipex Corporation SP7652ER-L/TR Datasheet HTML 11Page - Sipex Corporation SP7652ER-L/TR Datasheet HTML 12Page - Sipex Corporation SP7652ER-L/TR Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Date: 08/12/04
SP7652 Wide Input Voltage Range 6A, 600kHz, Buck Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 26 PIN DFN
b
e
L
E2
Bottom View
D3
DIMENSIONS in
(mm)
26 Pin DFN
A
A1
A3
b
D
E2
E
e
D2
L
0.800 0.850 0.900
2.00
2.730 2.780 2.830
0.350
0.450
0.17
0.22
0.27
SYMBOL
MIN NOM MAX
0.050
3.95
4.05
6.95
7.05
7.00
2.05
2.10
0.178 0.203 0.228
0.400
1.78 1.83
1.88
D3
4.00
0.45
0.50
0.55
0.000
-
Top View
D
E
(7 x 4 mm)
Side View
A3
A
A1
D2
D2
26 Pin DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com