Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP791 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP791
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791 Datasheet(HTML) 2 Page - Sipex Corporation

  SP791 Datasheet HTML 1Page - Sipex Corporation SP791 Datasheet HTML 2Page - Sipex Corporation SP791 Datasheet HTML 3Page - Sipex Corporation SP791 Datasheet HTML 4Page - Sipex Corporation SP791 Datasheet HTML 5Page - Sipex Corporation SP791 Datasheet HTML 6Page - Sipex Corporation SP791 Datasheet HTML 7Page - Sipex Corporation SP791 Datasheet HTML 8Page - Sipex Corporation SP791 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
2
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Operating Voltage Range
0
5.5
V
V
CC, V
BATT (Note 1)
V
CC - 0.05
V
CC - 0.015
V
CC = 4.5V, IOUT = 25mA
V
OUT in Normal
V
CC- 0.3
V
CC - 0.15
V
V
CC = 4.5V, IOUT = 250mA
Operating Mode
V
CC- 0.2
V
CC - 0.09
V
CC =3.0V; VBATT = 2.8V, IOUT = 100mA
0.6
1.2
V
CC=4.5V;
V
CC-to-VOUT On Resistance
Ω
0.9
2.0
V
CC=3.0V;
V
BATT- 0.3
V
BATT=4.5V, IOUT=20mA
V
OUT in Battery Backup Mode
V
BATT- 0.25
V
V
BATT=2.8V, IOUT=10mA
V
BATT- 0.15
V
BATT=2.0V, IOUT=5mA
515
V
BATT=4.5V
V
BATT-to-VOUT On Resistance
7
25
Ω
V
BATT=2.8V
10
30
V
BATT=2.0V
Supply Current in Normal
Operating Mode (Excludes IOUT)40
75
µA
V
CC > VBATT – 1V
Supply Current in Battery Backup
0.001
1
µA
V
CC < VBATT – 1.2V ; VBATT = 2.8V
Mode (Excludes IOUT) (Note 2)
VBATT Standby Current
-0.1
0.02
µA
V
BATT + 0.2V < VCC
(Note 3)
Battery-Switchover Threshold
V
BATT +0.03
Power up
V
BATT -0.03
V
Power down
Battery-Switch over Hysteresis
60
mV
Peak to Peak
Low-Battery Detector Threshold
2
V
ABSOLUTE MAXIMUM RATINGS
Input Voltage (with respect to GND)
VCC..................................................-0.3V to +6V
VBATT.................................. ............-0.3V to +6V
All Other Inputs ................-0.3V to (VOUT + 0.3V)
Input Current
VCC Peak..................................................... 1.0A
VCC Continuous .......................................250mA
VBATT Peak ..............................................250mA
VBATT Continuous.......................................25mA
GND, BATT ON .........................................100mA
All Other Outputs ........................................25mA
Continuous Power Dissipation (TA = + 70oC)
Plastic DIP (derate 10.53mW/oC above +70oC)
842mW
Narrow SO (derate 8.70mW/oC above+70oC)
696mW
ESD Rating........................................................4KV
ELECTRICAL CHARACTERISTICS
(Vcc = 4.75V to 5.5V, VBATT = 2.8V, T
A = TMIN to TMAX unless otherwise noted, typicals specified at 25
oC)
Stresses beyond these listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only, and functional operation of the de-
vice at these or any other conditions beyond those indi-
cated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
Operating Temperature Ranges
SP791C ..............................0oC to +70oC
SP791E ...........................-40oC to +85oC
Storage Temperature Range...........-65oC to +160oC
Lead Temperature (soldering,10sec)..........+300oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com