Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5952LC-1.2/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5952LC-1.2/NOPB
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952LC-1.2/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP5952LC-1.2/NOPB Datasheet HTML 1Page - Texas Instruments LP5952LC-1.2/NOPB Datasheet HTML 2Page - Texas Instruments LP5952LC-1.2/NOPB Datasheet HTML 3Page - Texas Instruments LP5952LC-1.2/NOPB Datasheet HTML 4Page - Texas Instruments LP5952LC-1.2/NOPB Datasheet HTML 5Page - Texas Instruments LP5952LC-1.2/NOPB Datasheet HTML 6Page - Texas Instruments LP5952LC-1.2/NOPB Datasheet HTML 7Page - Texas Instruments LP5952LC-1.2/NOPB Datasheet HTML 8Page - Texas Instruments LP5952LC-1.2/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
OFF
GATE
OUT
IN
1
2
3
6
5
4
VS
GND
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DDC Package
6-Pin SOT
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
The main supply pin for all internal biasing and an auxiliary supply for the internal gate drive
1
VS
I
charge pump. Typically connected to either VOUT or VIN; a separate supply can also be used.
2
GND
PWR
Ground return for the controller
A logic high state at the OFF pin will pull the GATE pin low and turn off the external MOSFET.
3
OFF
I
Note that when the MOSFET is off, current will still conduct through the FET's body diode. This
pin should may be left open or connected to GND if unused.
4
IN
I
Voltage sense connection to the external MOSFET Source pin.
Connect to the Gate of the external MOSFET. Controls the MOSFET to emulate a low forward-
5
GATE
O
voltage diode.
6
OUT
O
Voltage sense connection to the external MOSFET Drain pin.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com