Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5952TL-1.2/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5952TL-1.2/NOPB
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952TL-1.2/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5952TL-1.2/NOPB Datasheet HTML 4Page - Texas Instruments LP5952TL-1.2/NOPB Datasheet HTML 5Page - Texas Instruments LP5952TL-1.2/NOPB Datasheet HTML 6Page - Texas Instruments LP5952TL-1.2/NOPB Datasheet HTML 7Page - Texas Instruments LP5952TL-1.2/NOPB Datasheet HTML 8Page - Texas Instruments LP5952TL-1.2/NOPB Datasheet HTML 9Page - Texas Instruments LP5952TL-1.2/NOPB Datasheet HTML 10Page - Texas Instruments LP5952TL-1.2/NOPB Datasheet HTML 11Page - Texas Instruments LP5952TL-1.2/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LM5050-1, LM5050-1-Q1
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
www.ti.com
6.7 Typical Characteristics
Unless otherwise stated: VVS = 12 V, VIN = 12 V, VOFF = 0 V, and TJ = 25°C
Figure 3. IIN vs VIN
Figure 4. IIN vs VIN
Figure 5. IOUT vs VOUT
Figure 6. IOUT vs VOUT
Figure 7. IVS vs VVS
Figure 8. IVS vs VVS
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com