Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS62590DRVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVT
Description  1-A Step Down Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62590DRVT Datasheet HTML 1Page - Texas Instruments TPS62590DRVT Datasheet HTML 2Page - Texas Instruments TPS62590DRVT Datasheet HTML 3Page - Texas Instruments TPS62590DRVT Datasheet HTML 4Page - Texas Instruments TPS62590DRVT Datasheet HTML 5Page - Texas Instruments TPS62590DRVT Datasheet HTML 6Page - Texas Instruments TPS62590DRVT Datasheet HTML 7Page - Texas Instruments TPS62590DRVT Datasheet HTML 8Page - Texas Instruments TPS62590DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
0.0001
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =3.8V
I
V =5V
I
V =4.2V
I
V
=3.3V,
MODE=GND,
L =2.2 H
OUT
m
VIN
GND
EN
FB
SW
TPS62590DRV
VOUT
MODE
L
2.2 H
m
C
OUT
10mF
C1
22pF
R1
R2
C
IN
10mF
PwrPAD
0.75 V to V
IN
V
I N
2.5 V to 5.5 V
5
4
2
1
3
6
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS62590
SLVS897C – JANUARY 2009 – REVISED DECEMBER 2015
TPS62590 1-A Step Down Converter in 2-mm × 2-mm WSON Package
1 Features
3 Description
The
TPS62590
device
is
a
high-efficiency
1
•
Output Current up to 1000 mA
synchronous step down converter, optimized for
•
Input Voltage Range from 2.5 V to 5.5 V
battery powered portable applications. The device
•
Output Voltage Accuracy in PWM Mode ±2.5%
provides up to 1000-mA output current from batteries,
such as single Li-Ion or other common chemistry AA
•
Typical 15-
μA Quiescent Current
and AAA cells.
•
100% Duty Cycle for Lowest Dropout
With an input voltage range of 2.5 V to 5.5 V, the
•
Available in a 2 mm × 2 mm × 0.8 mm WSON
device is targeted to power a large variety of portable
Package
handheld equipment or POL applications.
•
For Improved Features Set, See the TPS62290
The TPS62590 family operates at 2.25-MHz fixed
device (SLVS764)
switching frequency and enters a power save mode
operation at light load currents to maintain a high
2 Applications
efficiency over the entire load current range.
•
Mobile Phones, Smart Phones
The power save mode is optimized for low output
•
Tablet PCs
voltage ripple. For low noise applications, the device
•
WLAN
can be forced into fixed frequency pulse width
modulation (PWM) mode by pulling the MODE pin
•
Low Power DSP Supply
high. In the shutdown mode the current consumption
•
Point-of-Load (POL) Applications
is reduced to less than 1 µA. The TPS62590 allows
the use of small inductors and capacitors to achieve a
small solution size.
The TPS62590 is available in a 2-mm × 2-mm 6-pin
WSON package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62590
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62590DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590DRVT TI1-TPS62590DRVT Datasheet
583Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVT TI1-TPS62590DRVT Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS62590DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
910Kb / 25P
1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410_15 Datasheet
1Mb / 30P
TPS5410 1-A, Wide Input Range, Step-Down Converter
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
LMR16010 TI1-LMR16010 Datasheet
161Kb / 9P
1 A Step-Down Converter
LMR16020 TI1-LMR16020 Datasheet
161Kb / 9P
2 A Step-Down Converter
logo
Exar Corporation
XRPWRKIT-LWP-1 EXAR-XRPWRKIT-LWP-1 Datasheet
317Kb / 7P
1 A/ 1 A Dual Channel 1 .5MHz Sync . Step Down Converter
logo
Texas Instruments
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
1-A, Wide Input Range, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com