Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8126 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8126
Description  High Speed Differential APC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8126 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8126 Datasheet HTML 1Page - Sipex Corporation SP8126 Datasheet HTML 2Page - Sipex Corporation SP8126 Datasheet HTML 3Page - Sipex Corporation SP8126 Datasheet HTML 4Page - Sipex Corporation SP8126 Datasheet HTML 5Page - Sipex Corporation SP8126 Datasheet HTML 6Page - Sipex Corporation SP8126 Datasheet HTML 7Page - Sipex Corporation SP8126 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Rev:A Date: 3/18/04
SP8126B High Speed Differential APC Amplifier
© Copyright 2004 Sipex Corporation
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
4.5
5
5.5
V
Output Sensitivity
Laser Beam Diameter = 0.70mm,
2400
3000
3600
V/W
uniform density
Output Sensitivity vs. Temp
RGAIN=1230Ω
0.1
%/C
Output Sensitivity vs. Vcc
RGAIN=1230Ω
2
%/V
Input Optical Power Required
533
666
800
µW
to Produce 2V Output Swing
Full Scale Linear Output
2
2.8
V
Voltage Swing
Output Common Mode Voltage
2.3
2.5
2.7
V
4.5V < Vcc < 5.5V
Vcc/2.2
Vcc/2
Vcc/1.8
V
Output Offset Voltage
-10
0.5
10
mV
RGAIN = 1230Ω (High Gain)
-20
1.0
20
mV
Output Offset Voltage Drift
-25
-11
25
µV/C
RGAIN = 1230Ω (High Gain)
-50
-13
50
µV/C
Output Noise
BW = 100MHz
1.6
2
mVrms
BW = 100MHz,
2.4
5
mVrms
RGAIN = 1230Ω (High Gain)
Bandwidth
-3dB
70
100
MHz
-3dB, RGAIN = 1230Ω (High Gain)
50
68
MHz
PSRR
4.5V < Vcc < 5.5V
55
76
dB
4.5V < Vcc < 5.5V,
50
73
dB
RGAIN = 1230Ω (High Gain)
Output Settling Time(650nm)
2VPPStep
7
10
ns
(1% of Final Value)
2VPP Step,
12
15
ns
RGAIN = 1230Ω (High Gain)
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
Unless otherwise noted: VCC = 5.0V, CLOAD = 50pF to GND, RLOADP = RLOADN = 1kΩ to GND, RGAIN = 510Ω
(Nominal Gain), -20°C ≤ TA ≤ +85°C, Output measured differentially.
TJ(MAX) ........................................................................................ 120°C
VS(MAX) ............................................................................................... 6V
VIN(MAX) .............................................................................................. 6V
Power Supply Voltage
Continuous Power Dissipation (TAMB = 70°C)
COB (derate 13.3mW/°C above +70°C) ......... 90mW
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com