Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAAM-009286-000000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009286-000000
Description  RF Driver Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009286-000000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009286-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009286-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009286-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009286-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009286-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RF Driver Amplifier
250 - 4000 MHz
Rev. V1
MAAM-009286
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: Freq. = 2140 MHz, TA = +25°C, VCC = +5 V, Z0 = 50 
Parameter
Units
Min.
Typ.
Max.
Gain
dB
14
15.5
—
Noise Figure
dB
—
3.5
—
Input Return Loss
dB
—
11
—
Output Return Loss
dB
—
13
—
Output P1dB
dBm
—
27
—
Output IP3
PIN = -6 dBm / tone, 1 MHz spacing
dBm
40
42
—
Quiescent Current
mA
—
155
—
Current (PIN = -3 dBm)
mA
—
155
225
2140 MHz PCB Layout
2140 MHz Schematic
C2
R1
C3
C4
L1
C5
C6
VCC
RFIN
RFOUT
C1
R2
Parts List
Part
Value
Case Style
C1
12 pF
0402
C2
2.2 pF
0402
C3
0.1 µF
0402
C4
1000 pF
0402
C5
39 pF
0402
C6
1.2 pF
0402
L1
7.5 nH
0402
R1, R2
0 Ω
0402
Cross Section View
RF Traces & Components
RF Ground
DC Routing
Customer Defined
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50 Ω
lines and package pins. M/A-COM recommends an FR-4
dielectric thickness of 0.008” (0.20 mm) yielding a 50 Ω line
width of 0.015” (0.38 mm).
The recommended RF
metalization is 1 ounce copper.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com