Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD4151K Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TPD4151K
Description  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4151K Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TPD4151K Datasheet HTML 16Page - Toshiba Semiconductor TPD4151K Datasheet HTML 17Page - Toshiba Semiconductor TPD4151K Datasheet HTML 18Page - Toshiba Semiconductor TPD4151K Datasheet HTML 19Page - Toshiba Semiconductor TPD4151K Datasheet HTML 20Page - Toshiba Semiconductor TPD4151K Datasheet HTML 21Page - Toshiba Semiconductor TPD4151K Datasheet HTML 22Page - Toshiba Semiconductor TPD4151K Datasheet HTML 23Page - Toshiba Semiconductor TPD4151K Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
TPD4151K
2014-04-07
20
VCC Under voltage Protection Operating/Recovery Voltage (U-phase low side)
Note: Sweeps the VCC pin voltage from 15 V and monitors the U pin voltage.
The VCC pin voltage when output is off defines the under-voltage protection operating voltage.
Also sweeps from 6 V to increase. The VCC pin voltage when output is on defines the under voltage
protection recovery voltage.
VBS Under-voltage Protection Operating/Recovery Voltage (U-phase high side)
Note: Sweeps the BSU pin voltage from 15 V to decrease and monitors the VBB pin voltage. The BSU pin
voltage when output is off defines the under voltage protection operating voltage. Also sweeps the
BSU pin voltage from 6V to increase and change the HU pin voltage at 5V → 0V→ 5V each time. It
repeats similarly output is on. The BSU pin voltage when output is on defines the under voltage
protection recovery voltage.
VM
U = 18 V
2 kΩ
27
kΩ
1000 pF
6 V → 15 V
VCC = 15 V → 6 V
VS = 6.1 V
2.5 V
HU+ = 0 V
HV+ = 5 V
HW+ = 0 V
VM
2.5 V
HU+ = 5 V
HV+ = 0 V
HW+ = 0 V
VCC = 15 V
VS = 6.1 V
2 kΩ
VBB = 18 V
6 V → 15 V
27
kΩ
1000 pF
BSU = 15 V → 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com