Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX1582 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1582
Description  3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1582 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1582 Datasheet HTML 1Page - Sipex Corporation SPX1582 Datasheet HTML 2Page - Sipex Corporation SPX1582 Datasheet HTML 3Page - Sipex Corporation SPX1582 Datasheet HTML 4Page - Sipex Corporation SPX1582 Datasheet HTML 5Page - Sipex Corporation SPX1582 Datasheet HTML 6Page - Sipex Corporation SPX1582 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Date:5/25/04
SPX1582 3A Ultra Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
The SPX1582 is designed as a high performance
and low cost solution for application requiring a
lower dropout than traditional NPN regulators.
The SPX1582 uses a separate input voltage VCTRL
( VCTRL ≥ VOUT + 1.3V) to minimize the dropout
voltage. This allows the 2.5V power for the load
to come from a 3.3V system supply.
As added benefit this will reduce the heat dissi-
pation*, and lower heatsink and cooling fan cost.
A typical application would use 3.3V for VIN
and 5.0V for VCTRL from a motherboard power
supply to provide a nominal 2.5V output. Using
the sense pin allows Kelvin measure the output,
reducing resistance-associated errors.
The SPX1582 can power the 2.5V core voltage
for microprocessors such as a PentiumPCTM,
P55CTM, AMD5k86TM and K6TM and the IBM
PowerPCTM 603EV and 604EV processors.
CURRENT
LIMIT
AMPLIFIER
THERMAL OVERLOAD
VREF
VOLTAGE
REGULATION
AMPLIFIER
LIMIT
SENSE
(4) VCTRL
VIN (5)
VOUT (3)
SENSE (1)
ADJ (2)
PIN NUMBER
PIN NAME
DESCRIPTION
1
SENSE
Allows Kelvin sense of VOUT at the load. (Positive side of the
reference voltage of the device).
2
ADJ
Negative side of the reference voltage for the device. Adding a small
bypass capacitor from the ADJ pin to ground will improve the transient
response.
3VOUT
Power output of the device.
4VCTRL
Supply pin for the control circuitry of the device. The current flow into this
pin will be about 1% of the output current. VCTRL must be between 1.0V
and 1.3V greater than the output voltage for the
device to regulate.
5VIN
Output load current is supplied through this pin. VIN must be between 0.1V
and 0.8V greater than the output voltage for this device to regulate.
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
APPLICATION NOTES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com