Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF2002GA Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SF2002GA
Description  20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF2002GA Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SF2002GA Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF2002GA Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
50
100
200
140
200
300
210
300
600
35
70
420
50
100
600
20.0
10.0
200
175
0.975
1.3
1.5
35
250
120
70
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 10.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Features
¬
Low forward voltage drop
¬
Fast switching for high efficiency
¬
High current capability
¬
Case: TO-220AB Heatsink
¬
High surge current capability
¬
Weight: 2.24 gram approximately
¬
Polarity: As marked on body
method 208
¬
Mounting position: Any
¬
Terminals: Solderable per MIL-STD-202
Mechanical Data
¬
Low reverse leakage current
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
¬
Epoxy: UL 94V-0 rate flame retardant
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
TO-220AB
Unit : inch (mm)
®
SF2001G thru SF2008G
Pb Free Plating Product
SF2001G thru SF2008G
20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode
Pb
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Series Connection
Suffix "A"
Suffix "D"
"A"
Common Anode Suffix
"D"
Anode and Cathode Coexistence Suffix
Common Cathode
SF2001G
SF2001GA
SF2001GD
SF2002G
SF2002GA
SF2002GD
SF2004G
SF2004GA
SF2004GD
SF2005G
SF2005GA
SF2005GD
SF2006G
SF2006GA
SF2006GD
SF2008G
SF2008GA
SF2008GD


Similar Part No. - SF2002GA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF2002G TSC-SF2002G Datasheet
342Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SF2002G TSC-SF2002G Datasheet
193Kb / 2P
20.0AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF2002G LUGUANG-SF2002G Datasheet
241Kb / 2P
20.0AMP. Glass Passivated Super Fast Rectifiers
logo
Gaomi Xinghe Electronic...
SF2002G GXELECTRONICS-SF2002G Datasheet
614Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF2002GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
CTG-31U THINKISEMI-CTG-31U Datasheet
1,015Kb / 3P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
U20D20D THINKISEMI-U20D20D_04 Datasheet
1,013Kb / 3P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FMG31U THINKISEMI-FMG31U Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FML31U THINKISEMI-FML31U Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FMX31U THINKISEMI-FMX31U Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
SF201CTD THINKISEMI-SF201CTD Datasheet
741Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
MUR2020CD THINKISEMI-MUR2020CD Datasheet
268Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MURF2020CD THINKISEMI-MURF2020CD Datasheet
269Kb / 2P
20.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR2020CR THINKISEMI-MUR2020CR Datasheet
273Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR2020PR THINKISEMI-MUR2020PR Datasheet
279Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com