Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX2810M3/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SPX2810M3/TR
Description  1A Low Dropout Positive Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2810M3/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SPX2810M3/TR Datasheet HTML 5Page - Sipex Corporation SPX2810M3/TR Datasheet HTML 6Page - Sipex Corporation SPX2810M3/TR Datasheet HTML 7Page - Sipex Corporation SPX2810M3/TR Datasheet HTML 8Page - Sipex Corporation SPX2810M3/TR Datasheet HTML 9Page - Sipex Corporation SPX2810M3/TR Datasheet HTML 10Page - Sipex Corporation SPX2810M3/TR Datasheet HTML 11Page - Sipex Corporation SPX2810M3/TR Datasheet HTML 12Page - Sipex Corporation SPX2810M3/TR Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Date: 5/25/04
SPX2810 1A Low Dropout Linear Regulator
© Copyright 2004 Sipex Corporation
ORDERING INFORMATION
Part Number
Accuracy
Package Types
SPX2810AM3 ............................................... 1% .............................................................. 3 lead SOT-223
SPX2810AM3/TR ........................................ 1% .............................................................. 3 lead SOT-223
SPX2810AM3-2.5 ........................................ 1% .............................................................. 3 lead SOT-223
SPX2810AM3-2.5/TR ................................. 1% .............................................................. 3 lead SOT-223
SPX2810AM3-3.0 ........................................ 1% .............................................................. 3 lead SOT-223
SPX2810AM3-3.0/TR ................................. 1% .............................................................. 3 lead SOT-223
SPX2810AM3-3.3 ........................................ 1% .............................................................. 3 lead SOT-223
SPX2810AM3-3.3/TR ................................. 1% .............................................................. 3 lead SOT-223
SPX2810AR .................................................. 1% ................................................................ 3 lead TO-252
SPX2810AR/TR ........................................... 1% ................................................................ 3 lead TO-252
SPX2810AR-2.5 ........................................... 1% ................................................................ 3 lead TO-252
SPX2810AR-2.5/TR .................................... 1% ................................................................ 3 lead TO-252
SPX2810AR-3.0 ........................................... 1% ................................................................ 3 lead TO-252
SPX2810AR-3.0/TR .................................... 1% ................................................................ 3 lead TO-252
SPX2810AR-3.3 ........................................... 1% ................................................................ 3 lead TO-252
SPX2810AR-3.3/TR .................................... 1% ................................................................ 3 lead TO-252
SPX2810AT .................................................. 1% ............................................................... 3 Lead TO-263
SPX2810AT/TR ............................................ 1% ............................................................... 3 Lead TO-263
SPX2810AT-2.5 ........................................... 1% ............................................................... 3 Lead TO-263
SPX2810AT-2.5/TR ..................................... 1% ............................................................... 3 Lead TO-263
SPX2810AT-3.0 ........................................... 1% ............................................................... 3 Lead TO-263
SPX2810AT-3.0/TR ..................................... 1% ............................................................... 3 Lead TO-263
SPX2810AT-3.3 ........................................... 1% ............................................................... 3 Lead TO-263
SPX2810AT-3.3/TR ..................................... 1% ............................................................... 3 Lead TO-263
SPX2810AU .................................................. 1% .................................................................. 3 lead TO220
SPX2810AU-2.5 ........................................... 1% .................................................................. 3 lead TO220
SPX2810AU-3.0 ........................................... 1% .................................................................. 3 lead TO220
SPX2810AU-3.3 ........................................... 1% .................................................................. 3 lead TO220
/TR = Tape and Reel
Pack quantity is 500 for TO-263, 2000 for TO-252
and 2500 for SOT-223.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX2810AM-3.3/TR = standard; SPX2810AM-L-3.3/TR = lead free
Corporation
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
ANALOG EXCELLENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com