Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCS20DLR Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCS20DLR
Description  Digital Output Magnetic Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCS20DLR Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCS20DLR Datasheet HTML 1Page - Toshiba Semiconductor TCS20DLR Datasheet HTML 2Page - Toshiba Semiconductor TCS20DLR Datasheet HTML 3Page - Toshiba Semiconductor TCS20DLR Datasheet HTML 4Page - Toshiba Semiconductor TCS20DLR Datasheet HTML 5Page - Toshiba Semiconductor TCS20DLR Datasheet HTML 6Page - Toshiba Semiconductor TCS20DLR Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TCS20DLR
2014-03-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
−0.5 to 6.0
V
Output Voltage
VOUT
−0.5 to 6.0
V
Output Diode Current
IOK
−10
mA
Output Current
IOUT
5
mA
Vcc/GND Current
ICC
±
10
mA
Power Dissipation
PD
1 (Note 3)
W
Storage Temperature Range
Tstg
−65 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 3: Mounted on a FR4 board.
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 645 mm2)
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
2.3 to 5.5
V
Output Voltage
VOUT
0 to 5.5 (Note 4)
V
Output Current
IOL
1.0
mA
Operating Temperature
Topr
−40 to 85
°C
Note 4: VCC = 0 V or when output impedance is high.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com