Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS7222 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7222
Description  KEYPAD PROGRAMMABLE DIGITAL LOCK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7222 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7222_03 Datasheet HTML 1Page - LSI Computer Systems LS7222_03 Datasheet HTML 2Page - LSI Computer Systems LS7222_03 Datasheet HTML 3Page - LSI Computer Systems LS7222_03 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KEYPAD PROGRAMMABLE DIGITAL LOCK
FEATURES:
• Stand alone lock logic
• 38416, 4-digit combinations
• 3 different user programmable codes
• Momentary and static lock control outputs
• Internal key debounce circuitry
• Tamper detection output
• Status outputs
• Low current consumption
• +4V to +15V operation (VDD - Vss)
• LS7222 (DIP); LS7222-S (SOIC) - See Figure 1
GENERAL DESCRIPTION:
The LS7222 is a programmable electronic lock imple-
mented in a CMOS integrated circuit. The circuit contains
all the necessary memory, decoder and control logic to
make a programmable "keyless" lock system to control
electro-mechanical locks. Input is provided by a matrix key-
pad whose maximum allowable size is 4 x 4.
The LS7222 can be programmed to recognize 3 different
codes: one to lock (Arm), one to unlock (Disarm), and one
to unlock and trigger an alarm (Duress). Programming is
done via the keypad inputs. Any entry from the keypad
(when not in the program mode) which does not match one
of the 3 programmed codes causes the Tamper output to
become active.
The low power CMOS design of the LS7222 enables it to
be designed into battery backed-up and automotive type
security systems.
DETAILED DESCRIPTION:
CODES - There are 3 different function codes which the
LS7222 can store in memory. Each code consists of a 4-
digit number which must be entered in exact sequence and
before the keypad entry enable time expires. The 3 codes
and their functions are explained below.
1. The Arm code, when entered from the keypad,
causes the Lock output to latch low and the Arm output
to momentarily go high. Whenever power is first
applied to the LS7222, the circuit defaults to the Arm
code corresponding to the keys X1Y1, X1Y2, X2Y2,
X2Y1. The code can then be altered to any other 4 digit
code by entering the Program Mode and keying in
the new code.
2. The Disarm code, when entered from the keypad,
causes the Lock output to latch high and the Disarm
output to momentarily go high. The first 3 digits of the
Disarm code must be identical to the first 3 digits of the
Arm code; the 4th digit may or may not be identical for
the two codes. When the two codes are the same in all
4 digits, i.e. the same code is chosen for arming and
disarming, the entry of the code will cause the Lock
output to toggle. This means that if the output was high
(unlocked) it will go low (locked) and vice-versa. When-
ever power is first applied to the LS7222, the circuit
defaults to the Disarm code corresponding to the keys
X1Y1, X1Y2, X2Y2, X1Y1. The code can then be
altered by entering the Program mode.
3. The Duress code, when entered from the keypad,
causes the Lock output to latch high and the Disarm
output to momentarily go high; at the same time the
Alarm output will latch high to enable an external alarm.
The first 3 digits of the Duress code must be identical to
the first 3 digits of the Arm and Disarm codes; the 4th
digit must be different to activate the Alarm output.
Whenever power is first applied to the LS7222, the
circuit defaults to the Duress code corresponding to the
keys X1Y1, X1Y2, X2Y2, X1Y2. The code can then be
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
CONNECTION DIAGRAM -TOP VIEW
VDD (+V)
CAP-K
LOCK DISPLAY
LOCK
DISARM
ALARM
TAMPER
CAP-M
PROGRAM
ARM
VSS (-V)
RC-OSC
X1
X2
X3
X4
Y1
Y2
Y3
Y4
FIGURE 1
January 2003
7222-012703-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7222
UL
®
A3800


Similar Part No. - LS7222_03

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7222 LSI-LS7222 Datasheet
30Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
More results

Similar Description - LS7222_03

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
Programmable Digital Thermostat
logo
LSI Computer Systems
LS7222 LSI-LS7222 Datasheet
30Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
LS7223 LSI-LS7223 Datasheet
28Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
Keypad Multiplexer
June, 2006 ??Rev. 2
logo
Omron Electronics LLC
E5AR-T OMRON-E5AR-T Datasheet
1Mb / 12P
Programmable Digital Controller
E5ER-T OMRON-E5ER-T Datasheet
939Kb / 10P
Programmable Digital Controller
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
Keypad
logo
LSI Computer Systems
LS7223 LSI-LS7223_03 Datasheet
52Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
Keypad
logo
Schurter Inc.
PIEZOKEYPADS SCHURTER-PIEZOKEYPADS Datasheet
547Kb / 4P
Piezo Keypad
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com