Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX2954AS-3.3 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SPX2954AS-3.3
Description  250mA Low Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2954AS-3.3 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SPX2954AS-3.3 Datasheet HTML 8Page - Sipex Corporation SPX2954AS-3.3 Datasheet HTML 9Page - Sipex Corporation SPX2954AS-3.3 Datasheet HTML 10Page - Sipex Corporation SPX2954AS-3.3 Datasheet HTML 11Page - Sipex Corporation SPX2954AS-3.3 Datasheet HTML 12Page - Sipex Corporation SPX2954AS-3.3 Datasheet HTML 13Page - Sipex Corporation SPX2954AS-3.3 Datasheet HTML 14Page - Sipex Corporation SPX2954AS-3.3 Datasheet HTML 15Page - Sipex Corporation SPX2954AS-3.3 Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Rev. 3/6/03
SP2954 250mA Low Dropout Voltage Regulator
© Copyright 2003 Sipex Corporation
12
PACKAGE: 3 Lead TO-263
0.103 BSC
0.356
0.005
(9.042
0.127)
±
±
(15.24 0.635)
±
(2.616)
0.032 +- 0.001
(0.813 0.025)
+-
0.176 0.005
0.050 0.002
0.015 +- 0.003
0° 8°
(0.381
0.074)
+-
0.100
0.010
(2.540 0.254)
±
±
(4.470
0.127)
±
(1.270
0.051)
±
±
±
0.050 (1.270)
0.405 ± 0.005
(10.287 ± 0.127)
0.055 (1.397)
0.600 ± 0.025
PACKAGES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com