Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP38693MP-2.5/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693MP-2.5/NOPB
Description  Low-Dropout CMOS Linear Regulators Stable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693MP-2.5/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP38693MP-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LP38693MP-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LP38693MP-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP38693MP-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP38693MP-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP38693MP-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP38693MP-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP38693MP-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP38693MP-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LP38691, LP38693, LP38691-Q1, LP38693-Q1
SNVS321O – JANUARY 2005 – REVISED DECEMBER 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
TO-
SOT-
NAME
WSON
252
223
WSON Only - The DAP (Exposed Pad) functions as a thermal connection when
DAP
—
√
√
—
—
soldered to a copper plane. See WSON Mounting section for more information.
The EN pin allows the part to be turned ON and OFF by pulling this pin high or
EN
—
—
3
1
I
low.
Circuit ground for the regulator. For the TO-252 and SOT-223 packages this is
GND
TAB
2
2
5
—
thermally connected to the die and functions as a heat sink when the soldered
down to a large copper plane.
This is the input supply voltage to the regulator. For WSON devices, both IN
IN
3
1, 6
1, 6
4
I
pins must be tied together for full current operation (250 mA maximum per pin).
OUT
1
4
4
3
O
Regulated output voltage
WSON Only - Output SNS pin allows remote sensing at the load which eliminate
SNS
—
5
5
—
I
the error in output voltage due to voltage drops caused by the resistance in the
traces between the regulator and the load. This pin must be tied to OUT.
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Lead temp. (Soldering, 5 seconds)
260
°C
Power dissipation(3)
Internally Limited
V
V(max) All pins (with respect to GND)
–0.3
12
V
IOUT
(4)
Internally Limited
V
Junction temperature
–40
150
°C
Storage temperature, Tstg
−65
150
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications, see Electrical
Characteristics. Specifications do not apply when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink values (if a
heatsink is used). When using the WSON package, refer to AN-1187 Leadless Leadframe Package (LLP), SNOA401, and the WSON
Mounting section in this datasheet. If power dissipation causes the junction temperature to exceed specified limits, the device goes into
thermal shutdown.
(4)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be diode clamped to
ground.
7.2 ESD Ratings: LP38691 and LP38693
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.3 ESD Ratings: LP38691-Q1 and LP38693-Q1
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN supply voltage
2.7
10
V
Operating junction temperature
−40
125
°C
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693 LP38691-Q1 LP38693-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com