Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP38693MP-3.3/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693MP-3.3/NOPB
Description  Low-Dropout CMOS Linear Regulators Stable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693MP-3.3/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38693MP-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP38693MP-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP38693MP-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP38693MP-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LP38693MP-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LP38693MP-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LP38693MP-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP38693MP-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP38693MP-3.3/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
0
100
200
300
400
500
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
IOUT (mA)
-40°C
25°C
125°C
0
100
200
300
400
500
IOUT (mA)
0
100
200
300
400
500
600
700
800
900
-40°C
25°C
125°C
LP38691, LP38693, LP38691-Q1, LP38693-Q1
SNVS321O – JANUARY 2005 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, EN pin is tied to IN (LP38693 only), VOUT = 1.8 V, VIN = VOUT 1 V,
IL = 10 mA.
Figure 19. Load Regulation vs Temperature
Figure 20. Line Regulation vs Temperature
Figure 22. Dropout Voltage vs IOUT
Figure 21. MIN VIN vs IOUT
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693 LP38691-Q1 LP38693-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com