Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP38693MP-5.0/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693MP-5.0/NOPB
Description  Low-Dropout CMOS Linear Regulators Stable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693MP-5.0/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP38693MP-5.0/NOPB Datasheet HTML 1Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 2Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 3Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 4Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 5Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 6Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 7Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 8Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LP38691, LP38693, LP38691-Q1, LP38693-Q1
SNVS321O – JANUARY 2005 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes........................................ 13
1
Features .................................................................. 1
9
Application and Implementation ........................ 14
2
Applications ........................................................... 1
9.1
Application Information............................................ 14
3
Description ............................................................. 1
9.2
Typical Application ................................................. 14
4
Typical Application Circuits ................................. 1
10
Power Supply Recommendations ..................... 19
5
Revision History..................................................... 2
11
Layout................................................................... 19
6
Pin Configuration and Functions ......................... 3
11.1
Layout Guidelines ................................................. 19
7
Specifications......................................................... 4
11.2
Layout Example .................................................... 19
7.1
Absolute Maximum Ratings ...................................... 4
11.3
WSON Mounting ................................................... 20
7.2
ESD Ratings: LP38691 and LP38693....................... 4
12
Device and Documentation Support ................. 21
7.3
ESD Ratings: LP38691-Q1 and LP38693-Q1........... 4
12.1
Documentation Support ........................................ 21
7.4
Recommended Operating Conditions ....................... 4
12.2
Related Links ........................................................ 21
7.5
Thermal Information .................................................. 5
12.3
Community Resources.......................................... 21
7.6
Electrical Characteristics........................................... 5
12.4
Trademarks ........................................................... 21
7.7
Typical Characteristics .............................................. 7
12.5
Electrostatic Discharge Caution ............................ 21
8
Detailed Description ............................................ 11
12.6
Glossary ................................................................ 21
8.1
Overview ................................................................. 11
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagrams ..................................... 11
Information ........................................................... 21
8.3
Feature Description................................................. 13
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision N (March 2015) to Revision O
Page
•
Added top navigator icon for TI Designs ............................................................................................................................... 1
•
Added Caution note to Foldback Current Limiting subsection ............................................................................................ 13
Changes from Revision M (February 2015) to Revision N
Page
•
Added "Cout = xx pF" to "Cout = µF" for Figures 4 through 6 in Typical Characteristics ...................................................... 1
Changes from Revision L (December 2014) to Revision M
Page
•
Changed wording of Description and added one item to Features; update Vin, Vout and Ven pin names to IN, OUT,
and EN in text and graphics .................................................................................................................................................. 1
•
Added top navigator icon for TI Designs ............................................................................................................................... 1
•
Changed "PFM" to 'TO-252" .................................................................................................................................................. 4
•
Changed Handling Ratings to ESD Ratings format ............................................................................................................... 4
Changes from Revision K (April 2013) to Revision L
Page
•
Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section; update thermal values .......................... 1
Changes from Revision J (April 2013) to Revision K
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 18
2
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693 LP38691-Q1 LP38693-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com