Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M21544 Datasheet(PDF) 21 Page - M/A-COM Technology Solutions, Inc.

Part # M21544
Description  3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21544 Datasheet(HTML) 21 Page - M/A-COM Technology Solutions, Inc.

Back Button M21544 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M21544 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M21544 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M21544 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M21544 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M21544 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M21544 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M21544 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M21544 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Functional Descriptions
21544-DSH-001-E
Mindspeed Technologies
®
21
Mindspeed Proprietary and Confidential
4.1
High-Speed Input
Digital video coaxial cables are AC-coupled to the high-speed low-noise inputs (SDIP/SDIN). These are designed
to operate in both single-ended or differential mode. The typical application is single-ended into the non-inverting
SDI input with the inverting SDI input biased to match the bias on the input used.
The M21544/54/64 do not contain any internal input terminations and require both external input termination as
well as the matching circuit to exceed the SMPTE input return loss specifications. The package and IC design have
been optimized for high-speed performance, allowing them to exceed the SD/HD/3G SMPTE return loss.
For non-inverting single-ended operation, the recommended input circuit is shown in Figure 4-1. For differential
operation, the matching/termination circuit on SDIP should be duplicated on SDIN.
4.1.1
Input Signal Detection
The high-speed input block offers a signal detect function that can be monitored either with pin.MF3 or
register.GenConfig bit[7]. The signal detect is also used to turn off the device if there is no signal present at the
input. If desired, this function can be bypassed using register.GenConfig bit[4:3] or by setting pin.MF1 = low in
hardware mode.
Figure 4-2.
M21564 Block Diagram
SDO0[P/N]
Jitter
Cleaner
Digital Interface
(Hardware or 4-wire mode acess)
MODE_SEL
SDO1_DISABLE
SDIP
Input Buffer
Adaptive Equalization , 6dB
attenuation and signal detection
Adaptive
EQ
Output Buffer0
Programmable Output Swing , Vcm
and De -emphasis
DRV
VCm
MF0
MF1
MUTE
MUTERef
xCS
MF2
MF3
5.6nH
1uF
37.5Ω
SDIN
1uF
75Ω
75Ω
BNC
M21564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com