Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3445M/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3445M/NOPB
Description  TRIAC Dimmable Offline LED Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3445M/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3445M/NOPB Datasheet HTML 24Page - Texas Instruments LM3445M/NOPB Datasheet HTML 25Page - Texas Instruments LM3445M/NOPB Datasheet HTML 26Page - Texas Instruments LM3445M/NOPB Datasheet HTML 27Page - Texas Instruments LM3445M/NOPB Datasheet HTML 28Page - Texas Instruments LM3445M/NOPB Datasheet HTML 29Page - Texas Instruments LM3445M/NOPB Datasheet HTML 30Page - Texas Instruments LM3445M/NOPB Datasheet HTML 31Page - Texas Instruments LM3445M/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
VLED(MIN)
1 -
ID =
VBUCK(MAX)
x ILED(AVE)
t VAC-RMS(MAX) 2
VD
LM3445
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
www.ti.com
Application Information (continued)
8.1.9 Re-Circulating Diode
The LM3445 Buck converter requires a re-circulating diode D10 (see the Typical Application circuit to carry the
inductor current during the MOSFET Q2 off-time. The most efficient choice for D10 is a diode with a low forward
drop and near-zero reverse recovery time that can withstand a reverse voltage of the maximum voltage seen at
VBUCK. For a common 110 VAC ± 20% line, the reverse voltage could be as high as 190 V.
(33)
The current rating must be at least:
ID = (1 -DMIN) × Iledave
(34)
Or:
(35)
28
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com