Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECJ0EF1C473Z Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECJ0EF1C473Z
Description  Multilayer Ceramic Capacitors (For General Electronic Equipment)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ0EF1C473Z Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECJ0EF1C473Z Datasheet HTML 4Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 5Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 6Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 7Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 8Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 9Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 10Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 11Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
– EC15 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Rated voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
DC 6.3 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
B X7R X5R
B X7R X5R
B X7R X5R
B X7R X5R
B X7R X5R
100
±10 % (K)
or
±20 % (M)
ECJ0EB1H101
0.5
—
120
ECJ0EB1H121K 0.5
—
150
ECJ0EB1H151
0.5
—
180
ECJ0EB1H181K 0.5
—
220
ECJ0EB1H221
0.5
—
270
ECJ0EB1H271K 0.5
—
330
ECJ0EB1H331
0.5
—
390
ECJ0EB1H391K 0.5
—
470
ECJ0EB1H471
0.5
—
560
ECJ0EB1H561K 0.5
—
680
ECJ0EB1H681
0.5
—
820
ECJ0EB1H821K 0.5
—
1000
ECJ0EB1H102
0.5
—
1200
ECJ0EB1H122K 0.5
—
1500
ECJ0EB1H152
0.5
—
1800
ECJ0EB1H182K 0.5
—
2200
ECJ0EB1H222
0.5
—
2700
ECJ0EB1H272K 0.5
—
3300
ECJ0EB1H332
0.5
—
3900
ECJ0EB1H392K 0.5
—
4700
ECJ0EB1H472
0.5
— ECJ0EB1E472
0.5
—
5600
ECJ0EB1H562K 0.5
— ECJ0EB1E562K 0.5
—
6800
ECJ0EB1H682
0.5
— ECJ0EB1E682
0.5
—
8200
ECJ0EB1H822K 0.5
— ECJ0EB1E822K 0.5
—
10000
ECJ0EB1H103
0.5
— ECJ0EB1E103
0.5
— ECJ0EB1C103
0.5
—
12000
ECJ0EB1C123K 0.5
—
15000
ECJ0EB1C153
0.5
—
18000
ECJ0EB1C183K 0.5
—
22000
ECJ0EB1C223
0.5
—
27000
ECJ0EB1C273K 0.5 ——
ECJ0EB1A273K 0.5
—
33000
ECJ0EB1C333
0.5 ——
ECJ0EB1A333
0.5
—
39000
ECJ0EB1C393K 0.5 ——
ECJ0EB1A393K 0.5
—
47000
ECJ0EB1C473
0.5 ——
ECJ0EB1A473
0.5
—
56000
ECJ0EB1C563K 0.5 ——
ECJ0EB1A563K 0.5
—
68000
ECJ0EB1C683
0.5 ——
ECJ0EB1A683
0.5
—
82000
ECJ0EB1C823K 0.5 ——
ECJ0EB1A823K 0.5
—
100000
ECJ0EB1C104
0.5 ——
ECJ0EB1A104
0.5
—
220000
ECJ0EB1C224
0.5 ——
ECJ0EB1A224
0.5 ——
ECJ0EB0J224
0.5 ——
470000
ECJ0EB1C474
0.5 ——
ECJ0EB1A474
0.5 ——
ECJ0EB0J474
0.5 ——
Rated voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
F
Y5V
F
Y5V
F
Y5V
F
Y5V
1000
+80, –20%
(Z)
ECJ0EF1H102Z 0.5
ECJ0EF1E102Z 0.5
2200
ECJ0EF1H222Z 0.5
ECJ0EF1E222Z 0.5
4700
ECJ0EF1H472Z 0.5
ECJ0EF1E472Z 0.5
10000
ECJ0EF1H103Z 0.5
ECJ0EF1E103Z 0.5
22000
ECJ0EF1E223Z 0.5
ECJ0EF1C223Z 0.5
47000
ECJ0EF1C473Z 0.5
100000
ECJ0EF1C104Z 0.5
220000
ECJ0EF1A224Z 0.5
■ Standard Products for EIA “0402”, Taped Version
● Class 2
◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X7R, X5R)
Standard packaging quantity of Packaging Style Code “E” (T = 0.5 mm): 10,000 pcs./reel.
Recommend soldering method: Reflow soldering.
For capacitance 1 µF or more, see page 6 and 7 for High Capacitance.
: Capacitance tolerance code : “ ” for “K” or “M”
Standard packaging quantity of Packaging Style Code “E” (T = 0.5 mm): 10,000 pcs./reel.
Recommend soldering method: Reflow soldering.
For capacitance 1 µF or more, see page 6 and 7 for High Capacitance.
◆ Temperature Characteristic Code : F (Temperature Characteristics : F, Y5V)
Sep. 2008
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com