Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASW-011036-1413RI Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-011036-1413RI
Description  Ka-Band High Power Terminated SPDT PIN Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011036-1413RI Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-011036-1413RI Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011036-1413RI Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011036-1413RI Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011036-1413RI Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011036-1413RI Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ka-Band High Power Terminated SPDT PIN Switch
26 - 40 GHz
Rev. V7
MASW-011036
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Broadband Performance, 26 to 40 GHz
 Low Loss <1 dB
 High Isolation >38 dB
 Up to 13 W CW Power, +85°C
 Die with G-S-G RF Pads and DC Bias Pads
 Includes DC Blocks and RF Bias Networks
 23 dBm power handling in terminated port
Description
The MASW-011036 is a high power SPDT with 50 Ω
terminated RF ports. This broadband, high linearity,
SPDT
switch
was
developed
for
Ka–Band
applications that require up to 13 Watts CW power
handling at an environmental temperature of +85°C
while maintaining low insertion loss and high
isolation.
The SPDT MMIC utilizes MACOM’s proven AlGaAs
PIN diode technology. The switch is fully passivated
with silicon nitride and has an added polymer layer
for scratch protection. The protective coating
prevents damage to the junction and the anode
air-bridge during handling and assembly. The die
has backside metallization to facilitate an epoxy die
attach process.
Pin Configuration:
(Back Metal is RF, DC, and Thermal Ground)
Pin #
Function
1
RFCOMMON
2
BIAS 1
3
RF1
4
RF2
5
BIAS 2
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Ordering Information1
Part Number
Package
MASW-011036-1413WR
Separated Die on 7” Grip
Ring1, Electronic Map
MASW-011036-1413RI
Separated Die on 7” Grip
Ring1, Inked Wafer
MASW-011036-14130G
Die in Gel Pack1
MASW-011036-001SMB
Sample Evaluation Board
1. Die quantity varies.
Functional Diagram
RF2
RFCOMMOM
Bias1
Bias2
3
1
4
5
2
RF1
L
L
C
C
C
C
C
C
SW2
SW1
Rterm2
(50 Ω)
Rterm1
(50 Ω)
R
R


Similar Part No. - MASW-011036-1413RI

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-011036-1413RI MA-COM-MASW-011036-1413RI Datasheet
693Kb / 5P
Die with G-S-G RF Pads and DC Bias Pads
More results

Similar Description - MASW-011036-1413RI

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS4301-EPU TRIQUINT-TGS4301-EPU Datasheet
245Kb / 7P
High Power Ka-Band Absorptive SPDT Switch
TGS4302 TRIQUINT-TGS4302 Datasheet
123Kb / 11P
High Power Ka-Band SPDT Switch
TGS4304 TRIQUINT-TGS4304 Datasheet
215Kb / 10P
High Power Ka-Band Absorptive SPDT Switch
logo
M/A-COM Technology Solu...
MASW-008543_V2 MA-COM-MASW-008543_V2 Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
MASW-011036-V2-JUL13 MA-COM-MASW-011036-V2-JUL13 Datasheet
753Kb / 3P
Ka-Band High Power Terminated SPDT PIN Switch
MASW-010646-V2-JUL13 MA-COM-MASW-010646-V2-JUL13 Datasheet
748Kb / 3P
Ka-Band High Power Reflective SPDT PIN Switch
MASW011036 MA-COM-MASW011036_15 Datasheet
753Kb / 3P
Ka-Band High Power Terminated SPDT PIN Switch
MASW-011036 MA-COM-MASW-011036_15 Datasheet
753Kb / 3P
Ka-Band High Power Terminated SPDT PIN Switch
logo
TriQuint Semiconductor
TGS4302 TRIQUINT-TGS4302_15 Datasheet
1Mb / 11P
High Power Ka-Band SPDT Switch
TGS4304 TRIQUINT-TGS4304_15 Datasheet
429Kb / 10P
High Power Ka-Band Absorptive SPDT Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com