Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC304MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC304MS8
Description  GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC304MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC304MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
12 - 129
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
-20
-15
-10
-5
0
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
FREQUENCY (GHz)
+85 C
-40 C
+25 C
-50
-40
-30
-20
-10
0
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
FREQUENCY (GHz)
LO/IF
RF/IF
LO/RF
-20
-15
-10
-5
0
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
FREQUENCY (GHz)
+13 dBm
+15 dBm
+17 dBm
+19 dBm
-20
-15
-10
-5
0
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
FREQUENCY (GHz)
RF
LO
-20
-15
-10
-5
0
0
0.25
0.5
0.75
1
1.25
IF FREQUENCY (GHz)
Conversion Gain
IF Return Loss
Conversion Gain vs.
Temperature @ LO = +17 dBm
Isolation @ LO = +17 dBm
Conversion Gain vs. LO Drive
Return Loss @ LO = +17 dBm
If Bandwidth @ LO = +17 dBm
HMC304MS8
v00.0600
GaAs MMIC HIGH IP3 SINGLE-
BALANCED SMT MIXER, 1.7 - 3 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com