Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM-151 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AM-151
Description  Cascadable Amplifier 10 to 500MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-151 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-151_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-151_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-151_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Cascadable Amplifier
10 to 500MHz
Rev. V5
AM-151/AMC-151
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Electrical Specifications: Z0 = 50, VCC = +15 VDC
**
Parameter
Units
Min.
Typ.
Max.
Test Conditions
Frequency
Gain
MHz
11.5
12.0
12.5
@ +25oC
50 MHz
Frequency Response
dB
±1.0
5-500 MHz
Gain Variation with
Temperature
dB
±0.8
5-500 MHz
1 dB Compression
dBm
dBm
+19
+20
Output Power
5-500 MHz
10-500 MHz
Noise Figure (max)
dB
7.0
5-500 MHz
Reverse Transmission
5-500 MHz
dB
-16.0
-13.0
VSWR
Ratio
2.0:1
5-500 MHz
Output IP2
dBm
+48
Two-tone inputs up to +10 dBm
5-500 MHz
Output IP3
dBm
+34
Two-tone inputs up to +10 dBm
5-500 MHz
V bias
dBm
+14.5
+15.0
+15.5
I bias
mA
85
100
V bias = +15 Vdc
Power Dissiapation
mW
1275
@ +15 V Bias
Features
 NOISE FIGURE: 5 dB (TYP.)
 HIGH THIRD ORDER IP: +38 dBM (TYP.)
 P1dB: +21 dBm (TYP.)
Description
The AM-151 amplifier uses a coupler feedback design with high
intercept and compression points. The use of coupler feedback
minimized noise figure and DC current in a high intercept
amplifier. This amplifier is packaged a TO-8 package. Due to
the internal power dissipation, the thermal rise is minimized.
The ground plane on the PC board should be configured to
remove heat from under the package. AM-151 is ideally suited
for use where a high intercept high reliability amplifier is
required.
Product Image
Ordering Information
Part Number
Package
AM-151-PIN*
TO-8-1
AMC-151- SMA**
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute Maximum
Maximum Input Power
+20 dBm
DC Voltage
+15.75 V
Continuous Input Power
+18 dBm
Operating Temperature
-55º to +85ºC
Storage Temperature
-65º to +125ºC
***Heat Sinking: Operation at case temperature above +95oC is not recommended. Heat sinking adequate to dissipate 1.3 W must be provided in use.
*Mounting kit part number AU00071 required for PCB application
**SMA Connectorized part is not RoHs compliant.


Similar Part No. - AM-151_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-151-AMC-151 MA-COM-AM-151-AMC-151 Datasheet
83Kb / 2P
Cascadable Amplifier
AM-151-AMC-151 MA-COM-AM-151-AMC-151_15 Datasheet
83Kb / 2P
Cascadable Amplifier
logo
Tyco Electronics
AM-151-PIN MACOM-AM-151-PIN Datasheet
176Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
AM-151-PIN MA-COM-AM-151-PIN Datasheet
83Kb / 2P
Cascadable Amplifier 10 to 500MHz
logo
Tyco Electronics
AM-151PIN MACOM-AM-151PIN Datasheet
219Kb / 3P
Cascadable Thin Film Amplifier, 12 dB Gain, 5 - 500 MHz
More results

Similar Description - AM-151_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A33 MACOM-A33 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A38 MACOM-A38_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
AM-147 MA-COM-AM-147 Datasheet
140Kb / 2P
Cascadable Amplifier 10 to 500MHz
AM-151 MA-COM-AM-151 Datasheet
83Kb / 2P
Cascadable Amplifier 10 to 500MHz
logo
RF Micro Devices
SBF4089Z RFMD-SBF4089Z Datasheet
643Kb / 8P
DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBF5089Z RFMD-SBF5089Z Datasheet
743Kb / 8P
DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com