Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRL55C20-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRL55C20-G
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRL55C20-G Datasheet(HTML) 3 Page - Comchip Technology

  CZRL55C20-G Datasheet HTML 1Page - Comchip Technology CZRL55C20-G Datasheet HTML 2Page - Comchip Technology CZRL55C20-G Datasheet HTML 3Page - Comchip Technology CZRL55C20-G Datasheet HTML 4Page - Comchip Technology CZRL55C20-G Datasheet HTML 5Page - Comchip Technology CZRL55C20-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD Zener Diode
Page 3
REV:B
RATING AND CHARACTERISTIC CURVES (
)
CZRL55C2V4-G Thru CZRL55C75-G
QW-BZ012
O
TA, Ambient temperature (
C)
0
40
80
120
160
200
0
100
200
300
400
500
600
Fig.1-Total Power Dissipation vs.
Ambient Temperature
-60
0
60
120
180
240
1.0
1.1
0.8
0.9
1.2
1.3
-4
8
×10 /K
O
VZtn=VZt/VZ(25
C)
-4
TKVZ=10
×10 /K
-4
6
×10 /K
-4
4
×10 /K
-4
2
×10 /K
0
-4
-2
×10 /K
-4
-4
×10 /K
O
TJ, Junction Temperature (
C)
Fig.3-Typical Change of Working Voltage
vs. Junction Temperature
Fig.2-Typical Change of Working Voltage
O
Under Operating Condition at TA=25
C
0
VZ, Z Voltage (V)
1
5
10
15
20
25
10
100
1000
IZ=5mA
O
TJ=25 C
Fig.4-Temperature Coefficient
of Vz vs. Z-Voltage
VZ, Z Voltage (V)
0
10
20
30
40
50
-5
0
5
10
15
IZ=5mA
Fig.5-Diode Capacitance vs. Z-Voltage
0
5
10
15
20
25
0
50
100
150
200
VZ, Z Voltage (V)
VR=2V
O
TJ=25 C
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com