Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRT23C15-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRT23C15-G
Description  SMD Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRT23C15-G Datasheet(HTML) 3 Page - Comchip Technology

  CZRT23C15-G Datasheet HTML 1Page - Comchip Technology CZRT23C15-G Datasheet HTML 2Page - Comchip Technology CZRT23C15-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS and CHARACTERISTIC CURVE (CZRT23C2V7-G Thru. CZRT23C39-G)
Page 3
QW-BZ009
REV:A
Fig.1 Power Derating Curve
0
O
Ta, Ambient Temperature (
C)
0
75
175
50
100
125
0.2
1.0
1.2
25
150
0.4
0.6
0.8
Fig.2 Zener Breakdown Characteristics
0
VZ, Zener Voltage (V)
0
6
10
5
9
7
10
40
50
1
8
20
30
2
3
4
C2V7 C3V3 C3V9 C4V7
C5V6
C6V8
C8V2
O
TJ=25 C
Fig.3 Zener Breakdown Characteristics
0
VZ, Zener Voltage (V)
0
40
20
30
10
20
30
10
C10
C12
C15
C18
C22
C27
C33
O
TJ=25 C
C36
SMD Zener Diode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com