Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRT23C27-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRT23C27-G
Description  SMD Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRT23C27-G Datasheet(HTML) 2 Page - Comchip Technology

  CZRT23C27-G Datasheet HTML 1Page - Comchip Technology CZRT23C27-G Datasheet HTML 2Page - Comchip Technology CZRT23C27-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTIC (CZRT23C2V7-G Thru. CZRT23C39-G)
Page 2
QW-BZ009
SMD Zener Diode
REV:A
NOTES:
(1) Short duration test pulse used to minimize self-heating effect.
(2) f=1KHz
Zener voltage
range (1)
Min. reverse
voltage (1)
@IZT=5.0mA
@IR=0.1μA
VZ(V)
ZZT(Ω)
ZZK(Ω)
TC(%/ °C)
VR(V)
CZRT23C2V7-G
KD1
2.5~2.9
83
500
-0.065
---
CZRT23C3V0-G
KD2
2.8~3.2
95
500
-0.060
---
CZRT23C3V3-G
KD3
3.1~3.5
95
500
-0.055
---
CZRT23C3V6-G
KD4
3.4~3.8
95
500
-0.055
---
CZRT23C3V9-G
KD5
3.7~4.1
95
500
-0.050
---
CZRT23C4V3-G
KD6
4.0~4.6
95
500
-0.035
---
CZRT23C4V7-G
KD7
4.4~5.0
78
500
-0.015
---
CZRT23C5V1-G
KD8
4.8~5.4
60
480
0.005
0.8
CZRT23C5V6-G
KD9
5.2~6.0
40
400
0.020
1.0
CZRT23C6V2-G
KDA
5.8~6.6
10
200
0.030
2.0
CZRT23C6V8-G
KDB
6.4~7.2
8
150
0.045
3.0
CZRT23C7V5-G
KDC
7.0~7.9
7
50
0.050
5.0
CZRT23C8V2-G
KDD
7.7~8.7
7
50
0.055
6.0
CZRT23C9V1-G
KDE
8.5~9.6
10
50
0.065
7.0
CZRT23C10-G
KDF
9.4~10.6
15
70
0.065
7.5
CZRT23C11-G
KDG
10.4~11.6
20
70
0.070
8.5
CZRT23C12-G
KDH
11.4~12.7
20
90
0.080
9.0
CZRT23C13-G
KDI
12.4~14.1
25
110
0.080
10.0
CZRT23C15-G
KDJ
13.8~15.6
30
110
0.090
11.0
CZRT23C16-G
KDK
15.8~17.1
40
170
0.090
12.0
CZRT23C18-G
KDL
16.8~19.1
50
170
0.090
14.0
CZRT23C20-G
KDM
18.8~21.2
50
220
0.090
15.0
CZRT23C22-G
KDN
20.8~23.3
55
220
0.090
17.0
CZRT23C24-G
KDO
22.8~25.6
80
220
0.090
18.0
CZRT23C27-G
KDP
25.1~28.9
80
250
0.090
20.0
CZRT23C30-G
KDQ
28~32
80
250
0.090
22.5
CZRT23C33-G
KDR
31~35
80
250
0.090
25.0
CZRT23C36-G
KDS
34~38
90
250
0.090
27.0
CZRT23C39-G
KDT
37~41
90
300
0.110
29.0
Maximum Zener impedance (2)
Marking
Code
Type
Typical
temperature
coefficient
@IZT=5.0mA
@IZK=1.0mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com