Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR20D100FCT-G Datasheet(PDF) 1 Page - Comchip Technology

Part # MBR20D100FCT-G
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MBR20D100FCT-G Datasheet(HTML) 1 Page - Comchip Technology

  MBR20D100FCT-G Datasheet HTML 1Page - Comchip Technology MBR20D100FCT-G Datasheet HTML 2Page - Comchip Technology MBR20D100FCT-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR20D45FCT-G Thru. MBR20D200FCT-G
Dimensions in inches and (millimeter)
ITO-220AB
0.272(6.90)
0.406(10.30)
0.382( 9.70)
0.248(6.30)
0.161(4.10)max
0.606(15.40)
0.583(14.80)
0.547(13.90)
0.512(13.00)
0.028(0.70)
0.100(2.55)
1
2
3
0.130(3.30)
0.031(0.80)
0.189(4.80)
Forward current: 20A
Reverse voltage: 45 to 200V
RoHS Device
0.098(2.50)
0.165(4.20)
0.020(0.50)
0.134(3.40)
0.118(3.00)
MAX
Maximum Ratings and Electrical Characteristics
Ratings at Ta=25°C unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive loaded.
For capacitive load, derate current by 20% .
Max. Repetitive peak reverse voltage
Max. RMS voltage
Continuous reverse voltage
Forward surge current
Reverse Current
Units
Symbol
Parameter
VRRM
VRMS
VR
V
V
V
A
A
mA
Max. forward voltage
10.0A, TA=25°C
IF=
VF
V
Operating Temperature
TJ
-55 to +150
°C
Parameter
Conditions
(JEDEC method)
8.3ms single half sine-wave
Forward rectified current
see Fig.1
Thermal Resistance
Storage temperature
VR =VRRM TA=25°C
VR =VRRM TA=125°C
Junction to case
Symbol
IO
IFSM
IR
RθJC
TSTG
IR
MIN.
TYP.
MAX.
mA
°C/W
°C
20.0
150
0.1
10
4.0
-65
+175
Units
60
-G
FCT
60
42
60
0.80
100
-G
FCT
100
70
100
MBR20D
45
-G
FCT
45
31.5
45
0.70
150
-G
FCT
150
105
150
200
-G
FCT
200
140
200
0.95
80
-G
FCT
80
56
80
0.85
Features
-Silicon epitaxial planar chip, metal silicon junction.
-Low stored charge, majority carrier conduction.
-Low power loss, high efficiency
-High current capability.
-High surge capability.
Mechanical data
-Polarity: As marked
-Weight: 1.70 grams
-Leads: Axial leads, solderable per MIL-STD-202,
method 208 guranteed.
-Guard ring for overvoltage protection.
-Case: JEDEC ITO-220AB molded plastic
body over passivated chip.
-Epoxy: UL94V-0 rated flame retardant.
Circuit diagram
1
2
3
Anode
Anode
Cathode
Company reserves the right to improve product design , functions and reliability without notice.
Schottky Barrier Rectifiers
Comchip
S M D D i o d e S p e c i a l i s t
QW-BB060
Page 1
REV: A
Comchip Technology CO., LTD.


Similar Part No. - MBR20D100FCT-G

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20D100FCTH SIRECT-MBR20D100FCTH Datasheet
138Kb / 3P
Power Schottky Rectifier - 20Amp 100Volt
More results

Similar Description - MBR20D100FCT-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com