Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD1044F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPD1044F
Description  Low-Side Switch for Motor, Solenoid and Lamp Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1044F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPD1044F_13 Datasheet HTML 1Page - Toshiba Semiconductor TPD1044F_13 Datasheet HTML 2Page - Toshiba Semiconductor TPD1044F_13 Datasheet HTML 3Page - Toshiba Semiconductor TPD1044F_13 Datasheet HTML 4Page - Toshiba Semiconductor TPD1044F_13 Datasheet HTML 5Page - Toshiba Semiconductor TPD1044F_13 Datasheet HTML 6Page - Toshiba Semiconductor TPD1044F_13 Datasheet HTML 7Page - Toshiba Semiconductor TPD1044F_13 Datasheet HTML 8Page - Toshiba Semiconductor TPD1044F_13 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPD1044F
2013-11-01
2
Block Diagram
Pin Description
Pin No.
Symbol
Pin Description
1,2,3,6,7,8
DRAIN
Drain current is limited (by current limiter) if it exceeds 1 A (min) in order to protect the IC.
4
SOURCE
Source pin.
5
IN
Input pin.
This pin is connected to a pull-down resistor internally, so that even when input wiring is
open-circuited, output can never be turned on inadvertently.
5
4
IN
SOURCE
Overtemperature
Detection/Protection
Overcurrent
Detection/Protection
1
2
6
7
DRAIN
DRAIN
DRAIN
DRAIN
3
8
DRAIN
DRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com