Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAADSS0012SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0012SMB
Description  Digital Attenuator, 1-Bit, Single Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0012SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0012SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0012SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0012SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0012SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAADSS0012SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAADSS0012SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Digital Attenuator, 1-Bit, Single Control
21 dB, 0.8 - 8.0 GHz
M/A-COM Products
Rev. V2
MAADSS0012
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Electrical Specifications 6: TA = 25°C, Z0 = 50 Ω, VC = 2.5 V, VDD = 2.8 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
2.0 GHz
dB
—
0.75
1.0
Attenuation
2.0 GHz
dB
20
21
22
Return Loss
2.0 - 8.0 GHz
dB
—
20
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
—
50
—
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
ns
—
200
—
Transients
In Band
mV
—
20
—
1 dB Compression
Input Power, 0.8 - 8.0 GHz
dBm
—
25
—
IP2
2.0 - 8.0 GHz
Measured Relative to Input
(for two-tone Input Power up to +5 dBm)
dBm
—
70
—
IP3
2.0 - 8.0 GHz
Measured Relative to Input
(for two-tone Input Power up to +5 dBm)
dBm
—
42
—
IC
VC = 2.5 V
µA
—
15
20
IDD
VDD = 2.8 V
µA
—
40
60
6. External DC blocking capacitors are required on all RF ports. Loss varies at 0.003 dB/°C.
Truth Table 7
VC
Attenuation (dB)
0
Reference IL
1
21
7. 0 = 0 ± 0.2 V, 1 = +2.5 to 5 V, minimum 2.5 V delta.
Recommended Configuration
Parts List
Part
Value
Case Style
Manufacturer
C1, C4
15 pF
0402
Murata
C2, C3
47 pF
0201
Murata
R1, R2
10K Ω
0201
Panasonic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com