Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAAM-010355 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010355
Description  CATV Power Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010355 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010355 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010355 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010355 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010355 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010355 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010355 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-010355 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-010355 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-010355 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CATV Power Doubler
45 - 1200 MHz
Rev. V1
MAAM-010355
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = +25°C, VDD = 24 V, Z0 = 75 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
45 MHz
1000 MHz
1200 MHz
dB
22.0
23.0
23.0
22.5
23.5
24.0
—
Gain Slope
45 - 1000 MHz
45 - 1200 MHz
dB
—
+1.0
+1.3
—
Noise Figure
1000 MHz
1200 MHz
dB
—
4.5
5.1
—
Reverse Isolation
—
dB
—
37
—
Input Return Loss
45 - 1000 MHz
1000 - 1200 MHz
dB
15.5
—
18.0
15.0
—
Output Return Loss
45 –1000 MHz
1000 –1200 MHz
dB
18
17
20
19
—
CTB
Vo = 59 dBmV @ 1000 MHz, 18 dB Tilt5
Vo = 55 dBmV @ 1000 MHz, 18 dB Tilt5
Vo = 58 dBmV @ 1000 MHz, 15 dB Tilt6
dBc
—
-77
-82
-77
-70
—
—
CSO
Vo = 59 dBmV @ 1000 MHz, 18 dB Tilt5
Vo = 55 dBmV @ 1000 MHz, 18 dB Tilt5
Vo = 58 dBmV @ 1000 MHz, 15 dB Tilt6
dBc
—
-75
-79
-75
-68
—
—
XMOD
Vo = 59 dBmV @ 1000 MHz, 18 dB Tilt5
dBc
—
-70
—
CCNR
Vo = 59 dBmV @ 1000 MHz, 18 dB Tilt5
dBc
52
58
—
OIP3
6 MHz Spacing, +15 dBm POUT per tone
@ 1000 MHz
dBm
—
46
—
OIP2
6 MHz Spacing, +15 dBm POUT per tone
@ 1000 MHz
dBm
—
56
—
P1dB
1000 MHz
dBm
—
30.5
—
IDD
7
24 Volts
mA
—
440
480
5. 79 NTSC (analog) channels + 75 ATSC (digital) channels (-6 dB offset); tilt extrapolated to 18.0 dB @ 1000 MHz.
6. 79 NTSC (analog) channels + 75 ATSC (digital) channels (-6 dB offset); tilt extrapolated to 15.5 dB @ 1000 MHz.
7. IDD set with external resistors as shown in application schematic.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by
static electricity. Proper ESD control techniques should be used when handling these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com