Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3402HVMM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402HVMM/NOPB
Description  0.5A Constant Current Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402HVMM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3402HVMM/NOPB Datasheet HTML 1Page - Texas Instruments LM3402HVMM/NOPB Datasheet HTML 2Page - Texas Instruments LM3402HVMM/NOPB Datasheet HTML 3Page - Texas Instruments LM3402HVMM/NOPB Datasheet HTML 4Page - Texas Instruments LM3402HVMM/NOPB Datasheet HTML 5Page - Texas Instruments LM3402HVMM/NOPB Datasheet HTML 6Page - Texas Instruments LM3402HVMM/NOPB Datasheet HTML 7Page - Texas Instruments LM3402HVMM/NOPB Datasheet HTML 8Page - Texas Instruments LM3402HVMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
SW
1
RON
2
VIN
3
BOOT
4
VCC
8
GND
7
DIM
6
CS
5
DAP
SW
1
RON
2
VIN
3
BOOT
4
VCC
8
GND
7
DIM
6
CS
5
LM3402, LM3402HV
www.ti.com
SNVS450F – SEPTEMBER 2006 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DGK Package
DDA Package
8-Pin VSSOP
8-Pin HSOP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
SW
O
Switch pin. Connect this pin to the output inductor and Schottky diode.
2
BOOT
O
MOSFET drive bootstrap pin. Connect a 10-nF ceramic capacitor from this pin to SW.
Input for PWM dimming. Connect a logic-level PWM signal to this pin to enable and disable the power
3
DIM
I
MOSFET and reduce the average light output of the LED array.
4
GND
—
Ground pin. Connect this pin to system ground.
Current sense feedback pin. Set the current through the LED array by connecting a resistor from this pin to
5
CS
I
ground.
6
RON
I
ON-time control pin. A resistor connected from this pin to VIN sets the regulator controlled ON-time.
Output of the internal 7-V linear regulator. Bypass this pin to ground with a minimum 0.1-µF ceramic capacitor
7
VCC
O
with X5R or X7R dielectric.
Input voltage pin. Nominal operating input range for this pin is 6 V to 42 V (LM3402) or 6 V to 75 V
8
VIN
I
(LM3402HV).
DAP
—
Thermal Pad. Connect to ground. Place 4-6 vias from DAP to bottom layer ground plane.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com