Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS23751PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23751PWPR
Description  Wide Range High Efficiency DC-DC Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS23751PWPR Datasheet HTML 1Page - Texas Instruments TPS23751PWPR Datasheet HTML 2Page - Texas Instruments TPS23751PWPR Datasheet HTML 3Page - Texas Instruments TPS23751PWPR Datasheet HTML 4Page - Texas Instruments TPS23751PWPR Datasheet HTML 5Page - Texas Instruments TPS23751PWPR Datasheet HTML 6Page - Texas Instruments TPS23751PWPR Datasheet HTML 7Page - Texas Instruments TPS23751PWPR Datasheet HTML 8Page - Texas Instruments TPS23751PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TPS23751, TPS23752
SLVSB97D – JULY 2012 – REVISED JANUARY 2016
www.ti.com
Table of Contents
7.2
Functional Block Diagrams ..................................... 15
1
Features .................................................................. 1
7.3
Feature Description................................................. 17
2
Applications ........................................................... 1
7.4
Device Functional Modes........................................ 19
3
Description ............................................................. 1
8
Application and Implementation ........................ 32
4
Revision History..................................................... 2
8.1
Application Information............................................ 32
5
Pin Configuration and Functions ......................... 3
8.2
Typical Application ................................................. 32
6
Specifications......................................................... 4
9
Power Supply Recommendations ...................... 39
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 39
6.2
ESD Ratings.............................................................. 4
10.1
Layout Guidelines ................................................. 39
6.3
ESD Ratings: Surge .................................................. 4
10.2
Layout Example ................................................... 39
6.4
Recommended Operating Conditions ....................... 5
11
Device and Documentation Support ................. 40
6.5
Thermal Information .................................................. 5
11.1
Documentation Support ........................................ 40
6.6
Electric Characteristics - Controller Section.............. 6
11.2
Community Resources.......................................... 40
6.7
Electrical Characteristics - Sleep Mode (TPS23752
Only)........................................................................... 8
11.3
Trademarks ........................................................... 40
6.8
Electrical Characteristics - PoE Interface Section .... 9
11.4
Electrostatic Discharge Caution ............................ 40
6.9
Typical Characteristics ............................................ 11
11.5
Glossary ................................................................ 40
7
Detailed Description ............................................ 14
12
Mechanical, Packaging, and Orderable
Information ........................................................... 40
7.1
Overview ................................................................. 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (January 2014) to Revision D
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision B (July 2013) to Revision C
Page
•
Changed the T2P startup delay MAX value From: 0 ms To: 7 ms......................................................................................... 9
Changes from Revision A (August 2012) to Revision B
Page
•
Added "THERMAL SHUTDOWN" to the CONTROLLER SECTION ..................................................................................... 7
•
Added text to the VC Pin Description: "The Sleep Mode output voltage is high enough to drive..." .................................... 19
•
Added text to the Sleep Mode Operation (TPS23752 only) " For more information regarding ..." ...................................... 19
Changes from Original (July 2012) to Revision A
Page
•
Changed from PRODUCT PREVIEW to PRODUCTION DATA ............................................................................................ 1
2
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: TPS23751 TPS23752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com